Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2310 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2310
Description  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2310 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2310 Datasheet HTML 1Page - National Semiconductor (TI) LMX2310 Datasheet HTML 2Page - National Semiconductor (TI) LMX2310 Datasheet HTML 3Page - National Semiconductor (TI) LMX2310 Datasheet HTML 4Page - National Semiconductor (TI) LMX2310 Datasheet HTML 5Page - National Semiconductor (TI) LMX2310 Datasheet HTML 6Page - National Semiconductor (TI) LMX2310 Datasheet HTML 7Page - National Semiconductor (TI) LMX2310 Datasheet HTML 8Page - National Semiconductor (TI) LMX2310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage,
(V
CC,VP,VµC)
−0.3V to +6.5V
Voltage on any pin with GND=0V
CP
o, FL, FIN, OSCIN, OSCOUT (Vi)
−0.3V to V
CC + 0.3V
Data, Clock, LE, CE, FoLD (V
i)
−0.3V to V
µC + 0.3V
Storage Temperature Range, (T
S)
−65˚C to +150˚C
Lead Temp. (solder 4 sec.), (T
L)
+260˚C
Recommended Operating
Conditions (Note 1)
Min Max Unit
Power Supply Voltage
(V
CC)
2.7
5.5
V
(V
P)VCC
5.5
V
(V
µC)
1.72 V
CC
V
Operating Temperature, (T
A)
−40 +85
˚C
Electrical Characteristics
V
CC =VP =VµC = 3.0V, −40˚C < TA < +85˚C unless specified otherwise.
Symbol
Parameter
Conditions (Note 3)
Min
Typ
Max
Units
I
CC
l
CC
Power Supply
Current
LMX2310U
(Note 4)
2.3
3.0
mA
V
CC = 5.5V (Note 4)
3.4
mA
LMX2311U
(Note 4)
2.0
2.7
mA
V
CC = 5.5V (Note 4)
3.2
mA
LMX2312U
(Note 4)
1.4
2.0
mA
V
CC = 5.5V (Note 4)
2.4
mA
LMX2313U
(Note 4)
1.0
1.3
mA
V
CC = 5.5V (Note 4)
1.6
mA
I
CC-PWDN
Power-Down Current
Clock, Data and LE = GND
CE = GND
110
µA
RF PRESCALER
F
IN
Operating
Frequency
LMX2310U
0.5
2.5
GHz
LMX2311U
0.5
2.0
GHz
LMX2312U
0.2
1.2
GHz
LMX2313U
45
600
MHz
PF
IN
Input Sensitivity, RF
Prescaler
2.7
≤ V
CC
≤3.0V (Note 5)
−15
0
dBm
3.0V < V
CC
≤ 5.5V (Note 5)
−10
0
dBm
PHASE DETECTOR
F
φ
Phase Detector Frequency
10
MHz
REFERENCE OSCILLATOR
F
OSC
Operating Frequency,
Reference Oscillator Input
2
50
MHz
V
OSCIN
Input Sensitivity,
Reference Oscillator Input
(Note 6)
0.5
V
CC
V
P−P
I
IH
OSC
IN Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
OSC
IN Input Current
V
IL =0,VCC = 5.5V
−100
µA
V
OSCOUT
OSC
OUT Bias Level
OSC
IN Open
1.5
V
D
OSCOUT
OSC
OUT Duty Cycle
OSC
IN = 20 MHz, 0.5 VP-P,
OSC
IN Duty Cycle = 50%
50
%
V
OSCOUT
OSC
OUT Level
OSC
IN = 20 MHz, 0.5 VP-P ,
OSC
OUT Load=10pF||10k
Ohm
2.6
V
P-P
V
OH
OSC
OUT Output Voltage
I
OH = -500 µA
2.6
2.8
V
V
OL
OSC
OUT Output Voltage
I
OL = 500 µA
0.2
0.4
V
I
OH
OSC
OUT Output Current
V
OH = 2.25 V
-1.1
mA
I
OL
OSC
OUT Output Current
V
OL = 0.75 V
1.1
mA
www.national.com
5


Similar Part No. - LMX2310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314M NSC-LMX2314M Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314MX NSC-LMX2314MX Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com