Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6327-31D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MAX6327-31D
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6327-31D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MAX6327-31D Datasheet HTML 2Page - NXP Semiconductors MAX6327-31D Datasheet HTML 3Page - NXP Semiconductors MAX6327-31D Datasheet HTML 4Page - NXP Semiconductors MAX6327-31D Datasheet HTML 5Page - NXP Semiconductors MAX6327-31D Datasheet HTML 6Page - NXP Semiconductors MAX6327-31D Datasheet HTML 7Page - NXP Semiconductors MAX6327-31D Datasheet HTML 8Page - NXP Semiconductors MAX6327-31D Datasheet HTML 9Page - NXP Semiconductors MAX6327-31D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
6
Table 1. Factory-trimmed Reset Thresholds (Note 1)
PART
SUFFIX (XX)
RESET THRESHOLD VOLTAGE, Vth (V)
Tamb = +25 °C
Tamb = –40 °C to +85 °C
MIN
TYP
MAX
MIN
MAX
MAX632x-XX
22
2.167
2.200
2.233
2.145
2.250
MAX632x-XX
23
2.285
2.320
2.355
2.262
2.375
MAX632x-XX
24 (Note 2)
2.364
2.400
2.436
2.340
2.460
MAX632x-XX
25 (Note 2)
2.462
2.500
2.537
2.437
2.562
MAX632x-XX
26
2.591
2.630
2.669
2.564
2.696
MAX632x-XX
27 (Note 2)
2.660
2.700
2.741
2.633
2.768
MAX632x-XX
28 (Note 2)
2.758
2.800
2.842
2.730
2.870
MAX632x-XX
29
2.886
2.930
2.974
2.857
3.000
MAX632x-XX
30 (Note 2)
2.955
3.000
3.045
2.925
3.075
MAX632x-XX
31
3.034
3.080
3.126
3.003
3.150
MAX634x-XX
33 (Note 2)
3.250
3.300
3.350
3.217
3.383
MAX634x-XX
34 (Note 2)
3.349
3.400
3.451
3.315
3.485
MAX634x-XX
35 (Note 2)
3.447
3.500
3.552
3.412
3.587
MAX634x-XX
36 (Note 2)
3.546
3.600
3.654
3.510
3.690
MAX634x-XX
37 (Note 2)
3.644
3.700
3.755
3.607
3.792
MAX634x-XX
38 (Note 2)
3.743
3.800
3.857
3.705
3.895
MAX634x-XX
39 (Note 2)
3.841
3.900
3.958
3.802
3.997
MAX634x-XX
40 (Note 2)
3.940
4.000
4.060
3.900
4.100
MAX634x-XX
41 (Note 2)
4.038
4.100
4.161
3.997
4.202
MAX634x-XX
42 (Note 2)
4.137
4.200
4.263
4.095
4.305
MAX634x-XX
43 (Note 2)
4.235
4.300
4.364
4.192
4.407
MAX634x-XX
44
4.314
4.380
4.446
4.270
4.489
MAX634x-XX
45 (Note 2)
4.432
4.500
4.567
4.387
4.612
MAX634x-XX
46
4.560
4.630
4.699
4.514
4.746
NOTES:
1. Factory-trimmed reset thresholds are available in 100 mV increments with
±1.5% tolerance at room temperature.
2. Consult factory for availability.


Similar Part No. - MAX6327-31D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6327-T MAXIM-MAX6327-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6327-31D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com