Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPQ1289 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # QPQ1289
Description  LTE Band 4 / 10 / 66 BAW Duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1289 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button QPQ1289 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 9Page - TriQuint Semiconductor QPQ1289 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
QPQ1289
LTE Extended Band 4 / Band 10 BAW Duplexer
Data Sheet, February 8, 2017 | Subject to change without notice
6 of 11
www.qorvo.com
®
Performance Plots Isolation
Test conditions unless otherwise noted: Temp= +25°C
Isolation
Frequency (MHz)
d
B
-80
-60
-40
-20
0
1675
1810
1945
2080
2215
Antenna Return Loss
Frequency (MHz)
d
B
-25
-20
-15
-10
-5
1675
1810
1945
2080
2215


Similar Part No. - QPQ1289

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1289EVB QORVO-QPQ1289EVB Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1289SR QORVO-QPQ1289SR Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1289TR7 QORVO-QPQ1289TR7 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
More results

Similar Description - QPQ1289

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
   LTE Band 1 BAW Duplexer for Small Cells
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
logo
TriQuint Semiconductor
TQM976027 TRIQUINT-TQM976027_15 Datasheet
106Kb / 1P
   Band 7 BAW Duplexer
TQQ6107 TRIQUINT-TQQ6107 Datasheet
751Kb / 11P
   Band 7 BAW Duplexer
logo
Qorvo, Inc
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
   Band 7 BAW Duplexer
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com