Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPQ1289TR7 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPQ1289TR7
Description  LTE Band 4 / 10 / 66 BAW Duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1289TR7 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPQ1289TR7 Datasheet HTML 1Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1289TR7 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPQ1289
LTE Extended Band 4 / Band 10 BAW Duplexer
Data Sheet, February 8, 2017 | Subject to change without notice
2 of 11
www.qorvo.com
®
Absolute Maximum Ratings (1)
Parameter
Rating
Storage Temperature 
−40 to +125°C
Operating Temperature (2)
−40 to +95 °C
Notes:
1.
Operation of this device outside the parameter ranges given may cause
permanent damage.
2.
Device will function but it is not guaranteed to meet electrical specifications
Life Test
Conditions
Rating
TBD dBm DL, +95°C, FD-
LTE, 5 MHz,
16QAM, PAR=8 dB
>TBD hours
TBD dBm UL, +95°C, FD-
LTE, 5 MHz,
16QAM, PAR=8 dB
>TBD hours
Electrical Specifications
– Downlink (1)
Test conditions unless otherwise specified. Temperature Range:
−40 to +95 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Insertion Loss (2)
2110
– 2180 MHz
-
2.0
2.9
dB
2110
– 2170 MHz, B10DL
-
2.0
-
dB
2110
– 2155 MHz, B4DL
-
2.0
-
dB
Input / Output Return Loss
2110
– 2180 MHz
9
12
-
dB
Amplitude Variation (3)
2110
– 2180 MHz
-
0.6
1.0
dB
Attenuation (4)
10
– 1680 MHz
32
35
-
dB
1680
– 1800 MHz
42
45
-
dB
2402
– 2494 MHz
38
43
-
dB
2496
– 2690 MHz
31
38
-
dB
Electrical Specifications
– Uplink (1)
Test conditions unless otherwise specified. Temperature Range:
−40 to +95 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Insertion Loss (2)
1710
– 1780 MHz
-
2.3
3.2
dB
1710
– 1770 MHz, B10UL
-
2.3
-
dB
1710
– 1755 MHz, B4UL
-
2.3
-
dB
Input / Output Return Loss
1710
– 1780 MHz
9
11
-
dB
Amplitude Variation (3)
1710
– 1780 MHz
-
0.7
1.5
dB
Attenuation (4)
10
– 870 MHz
40
45
-
dB
870
– 1680 MHz
25
32
-
dB
1850
– 2050 MHz
38
45
-
dB
2080
– 2225 MHz
32
35
-
dB
2402
– 2494 MHz
34
37
-
dB
2496
– 2690 MHz
18
34
-
dB
Electrical Specifications
– Isolation (1)
Test conditions unless otherwise specified. Temperature Range:
−40 to +95 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Isolation
1710
– 1780 MHz
42
45
-
dB
2110
– 2180 MHz
38
42
-
dB
1710
– 1780 MHz, B10UL
-
45
-
dB
2110
– 2170 MHz, B10DL
-
42
-
dB
1710
– 1755 MHz, B4UL
-
46
-
dB
2110
– 2155 MHz, B4DL
40
44
-
dB
Notes:
1.
All specifications are based on the QORVO schematic for the main reference design.
2.
Maximum Insertion Loss within defined frequency range.
3.
Amplitude Variation is defined as the difference between the lowest loss and the highest loss within 10 MHz channels.
4.
Attenuation is referenced to zero dB


Similar Part No. - QPQ1289TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1289TR7 QORVO-QPQ1289TR7 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
More results

Similar Description - QPQ1289TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
   LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
   LTE Band 1 BAW Duplexer for Small Cells
TQQ1007 QORVO-TQQ1007 Datasheet
1,009Kb / 10P
   Band 7 BAW Duplexer
logo
TriQuint Semiconductor
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Qorvo, Inc
TQQ1030 QORVO-TQQ1030 Datasheet
622Kb / 11P
   Band 30 BAW Duplexer
logo
TriQuint Semiconductor
TQM976027 TRIQUINT-TQM976027_15 Datasheet
106Kb / 1P
   Band 7 BAW Duplexer
TQQ6107 TRIQUINT-TQQ6107 Datasheet
751Kb / 11P
   Band 7 BAW Duplexer
logo
Qorvo, Inc
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
   Band 7 BAW Duplexer
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
logo
EPCOS
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com