Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4548S2 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4548S2
Description  17 - 20 GHz 10 W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548S2 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4548S2 Datasheet HTML 3Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 4Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 5Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 6Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 7Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 8Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 9Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 10Page - TriQuint Semiconductor TGA4548S2 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TGA4548
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. A, November 18, 2016 | Subject to change without notice
10 of 11
www.qorvo.com
®
Mechanical Information
Notes:
Units: millimeters
Ground is backside of die
Bond Pad Description
Pad No.
Symbol
Pad Size (mm)
Description
1
RF IN
0.100 x 0.200
RF Input; matched to 50 Ω, DC blocked
3, 12
VG123
0.100 x 0.100
Gate voltage for stage 1, 2, & 3, bias network is required; see
Application Circuit on page 8 as an example.
4, 11
VD1
0.100 x 0.100
Drain voltage for stage 1, bias network is required; see Application
Circuit on page 8 as an example.
5, 10
VD2
0.100 x 0.100
Drain voltage for stage 2, bias network is required; see Application
Circuit on page 8 as an example.
6, 9
VD3
0.200 x 0.100
Drain voltage for stage 3, bias network is required; see Application
Circuit on page 8 as an example.
7, 8
VDET, VREF
0.100 x 0.100
Power detector and reference voltage
2
RF OUT
0.100 x 0.200
RF Output; matched to 50 Ω, DC blocked


Similar Part No. - TGA4548S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM-R TRIQUINT-TGA4548-SM-R Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM-T TRIQUINT-TGA4548-SM-T Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com