Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4548EVB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA4548EVB
Description  17 - 20 GHz 10 W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548EVB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA4548EVB Datasheet HTML 1Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 2Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 3Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 4Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 5Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 6Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 7Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 8Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TGA4548
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. A, November 18, 2016 | Subject to change without notice
4 of 11
www.qorvo.com
®
Performance Plots
Test conditions unless otherwise noted: VD1=VD2=VD3=28V, ID1+ID2+ID3=300mA, VG1=VG2=VG3=-2.6V typical, Temp
 = +25 °C,
Z0 =
 50 Ω
-25
-20
-15
-10
-5
0
12
14
16
18
20
22
24
Frequency (GHz)
Output Return Loss vs. Frequency vs. VD
28 V
25 V
22 V
ID = 300mA
-25
-20
-15
-10
-5
0
12
14
16
18
20
22
24
Frequency (GHz)
Output Return Loss vs. Frequency vs. VD
28 V
25 V
22 V
ID = 600mA
0
5
10
15
20
25
30
35
12
14
16
18
20
22
24
Frequency (GHz)
Gain vs. Frequency vs. Temp.
+85 C
+25 C
-40 C
-25
-22
-19
-16
-13
-10
-7
-4
12
14
16
18
20
22
24
Frequency (GHz)
+85 C
+25 C
-40 C
Input Return Loss vs. Frequency vs. Temp.
-25
-22
-19
-16
-13
-10
-7
-4
-1
12
14
16
18
20
22
24
Frequency (GHz)
+85 C
+25 C
-40 C
Output Return Loss vs. Frequency vs. Temp.


Similar Part No. - TGA4548EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548EVB QORVO-TGA4548EVB Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com