Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2005 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # B2005
Description  Inductors And Common Mode Chokes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B2005 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  B2005 Datasheet HTML 1Page - Pulse A Technitrol Company B2005 Datasheet HTML 2Page - Pulse A Technitrol Company B2005 Datasheet HTML 3Page - Pulse A Technitrol Company B2005 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
pulseelectronics.com
Inductors And
Common Mode Chokes
For Use in ADSL POTS Low Pass Filters
B902.E (02/12)
Performance Description
Application Circuit
Frequency Response
For More Information
The following schematic depicts a typical LC filter that
incorporates the use of a common mode choke in addition
to the LC network. As shown in the frequency response
graph below, at low frequencies, the amplitude of the
output signal is roughly equal to the amplitude of the
input signal. At higher frequencies, the amplitude of the
output decreases. Thus, the network passes low frequency
voice signals with only a small degree of attenuation,
while it suppresses high frequency signals and acts as a
low pass filter.
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
The series of coupled inductors shown on this data sheet are current and temperature, high self-resonant frequency, low
ideal for use in Asymmetrical Digital Subscriber Line (ADSL) applications where a low pass filter is required to separate
the voice frequencies from the data frequencies that are carried on an ADSL line. In spite of their small footprint and low
profile, these coupled inductors provide excellent electrical performance. They have stable inductance with varying DC
current and temperature, high self-resonant frequency, low coupling capacitance, and excellent balance. The common
mode chokes were developed to reduce common mode voltages in the low frequency range that is used for voice
transmission. The chokes are also designed to accommodate DC currents up to 100 mA.
Choke
Inductor
Inductor
Inductor
Capacitor
Capacitor
Capacitor
Input
ADSL & POTS
Signals
Output
POTS Signal
Only
100 Hz
1 KHz10 KHz
100 KHz
B
d
0
F
E
R
/
B
d
0
1
-100 dB
0 dB


Similar Part No. - B2005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B2005 PULSE-B2005 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
B2005 PULSE-B2005 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
B2005 PULSE-B2005 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
B2005 PULSE-B2005 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
E-SWITCH
B200500 E-SWITCH-B200500 Datasheet
98Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC-4072 ETC2-TTC-4072 Datasheet
379Kb / 2P
   Common Mode Chokes & Coupled Inductors
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com