Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4K24A-1AKX5-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # E4K24A-1AKX5-Y
Description  RIGHT ANGLE JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

E4K24A-1AKX5-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  E4K24A-1AKX5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG E4K24A-1AKX5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG E4K24A-1AKX5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
HSD-E
RIGHT ANGLE JACK
E4K24A-1AKX5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Impedance, differential mode
tbd
Frequency
tbd.
Return loss
tbd.
Insertion loss
tbd.
Skew (between signal contacts)
tbd.
Nearend-Crosstalk
tbd.
Farend-Crosstalk
tbd.
Insulation resistance
≥ 1x103 MΩ
Signal contact resistance
≤ 10 mΩ
Test voltage
250 V rms
Working voltage
100 V rms
Power current
≤ 1.5 A DC
RF-leakage (shielding effectiveness)
tbd.
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
5
Engagement force
40 N
Disengagement force
5 N
Retention force latch
tbd.
Coding efficiency
80 N
Environmental data
Temperature range
-40°C to +130°C
Thermal shock
DIN IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Water resistant
DIN 40050 IPX6K/IPX9K
Waterproof engine compartment connector LV 214 Test group B,C
2002/95/EC (RoHS)
compliant
Tooling
Crimping tool
on request
Crimp insert
on request
Suitable cables
Cable type
tbd.
Packing
Standard
tbd.
Weight
tbd. g/pce
Preliminary


Similar Part No. - E4K24A-1AKX5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
E4K24L-1AKX5-A ROSENBERGER-E4K24L-1AKX5-A Datasheet
177Kb / 3P
   RIGHT ANGLE JACK
E4K24L-1AKX5-B ROSENBERGER-E4K24L-1AKX5-B Datasheet
177Kb / 3P
   RIGHT ANGLE JACK
E4K24L-1AKX5-C ROSENBERGER-E4K24L-1AKX5-C Datasheet
177Kb / 3P
   RIGHT ANGLE JACK
E4K24L-1AKX5-D ROSENBERGER-E4K24L-1AKX5-D Datasheet
177Kb / 3P
   RIGHT ANGLE JACK
E4K24L-1AKX5-E ROSENBERGER-E4K24L-1AKX5-E Datasheet
177Kb / 3P
   RIGHT ANGLE JACK
More results

Similar Description - E4K24A-1AKX5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
   RIGHT ANGLE JACK
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-Y ROSENBERGER-D4K25A-1D5A5-Y Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
99K2LL-1D5A5-Y ROSENBERGER-99K2LL-1D5A5-Y Datasheet
262Kb / 3P
   RIGHT ANGLE JACK
E4K24R-1AKX5-Y ROSENBERGER-E4K24R-1AKX5-Y Datasheet
186Kb / 3P
   RIGHT ANGLE JACK
08K246-40ML3 ROSENBERGER-08K246-40ML3 Datasheet
573Kb / 2P
   Right Angle Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com