Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4K15A-1AKX5-Z Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # E4K15A-1AKX5-Z
Description  WATERPROOF JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

E4K15A-1AKX5-Z Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  E4K15A-1AKX5-Z Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG E4K15A-1AKX5-Z Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG E4K15A-1AKX5-Z Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®e
WATERPROOF
Jack
E4K15A-1AKX5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Crimping ferrule
tbd.
Dielectric1
PBT-GF23
Dielectric2
PA
Housing
PBT-GF23
Retainer
PA12
Sealing ring
Silicone
Electrical data
Impedance, differential mode
tbd
Frequency
tbd.
Return loss
tbd.
Insertion loss
tbd.
Skew (between signal contacts)
tbd.
Nearend-Crosstalk
tbd.
Farend-Crosstalk
tbd.
Insulation resistance
≥ 1x103 MΩ
Signal contact resistance
≤ 10 mΩ
Test voltage
250 V rms
Working voltage
100 V rms
Power current
≤ 1.5 A DC
RF-leakage ( shielding effectiveness )
tbd.
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
5
Engagement force
≤ 40 N
Disengagement force
≥ 5 N
Retention force primary lock
≥ tbd.
Coding efficiency
≥ 80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Water resistant
DIN 40050 IPX6K/IPX9K
Waterproof engine compartment connector LV 214 Test group B,C
2002/95/EC (RoHS)
compliant
Tooling
Crimping tool
on request
Crimp insert
on request
Suitable cables
Cable type
tbd.
Preliminary


Similar Part No. - E4K15A-1AKX5-Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
E4K10A-1AKX5-A ROSENBERGER-E4K10A-1AKX5-A Datasheet
253Kb / 3P
   STRAIGHT JACK
E4K10A-1AKX5-B ROSENBERGER-E4K10A-1AKX5-B Datasheet
253Kb / 3P
   STRAIGHT JACK
E4K10A-1AKX5-C ROSENBERGER-E4K10A-1AKX5-C Datasheet
253Kb / 3P
   STRAIGHT JACK
E4K10A-1AKX5-D ROSENBERGER-E4K10A-1AKX5-D Datasheet
253Kb / 3P
   STRAIGHT JACK
E4K10A-1AKX5-E ROSENBERGER-E4K10A-1AKX5-E Datasheet
253Kb / 3P
   STRAIGHT JACK
More results

Similar Description - E4K15A-1AKX5-Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
HVK102-12A002B1-Y ROSENBERGER-HVK102-12A002B1-Y Datasheet
385Kb / 3P
   Straight Waterproof Jack
HVK102-12A006B1-Y ROSENBERGER-HVK102-12A006B1-Y Datasheet
282Kb / 4P
   Straight Waterproof Jack
HVK102-12A004B1-Y ROSENBERGER-HVK102-12A004B1-Y Datasheet
388Kb / 4P
   Straight Waterproof Jack
HVK201-12A004B1-Y ROSENBERGER-HVK201-12A004B1-Y Datasheet
312Kb / 3P
   Right Angle Waterproof Jack
D4K25L-1D5A5-Y ROSENBERGER-D4K25L-1D5A5-Y Datasheet
764Kb / 3P
   RIGHT ANGLE JACK WATERPROOF
HVK201-12A006B1-Y ROSENBERGER-HVK201-12A006B1-Y Datasheet
300Kb / 3P
   Right Angle Waterproof Jack
HVK201-12A002B1-Y ROSENBERGER-HVK201-12A002B1-Y Datasheet
322Kb / 3P
   Right Angeled Waterproof Jack
logo
PowerDynamics, Inc
3351D00030 POWERDYNAMICS-3351D00030 Datasheet
320Kb / 1P
   Waterproof Cat. 5e RJ45 Jack (IP68)
3353D00040 POWERDYNAMICS-3353D00040 Datasheet
312Kb / 1P
   Metal Waterproof Cat.5e Coupler Jack (IP68)
3353F00040 POWERDYNAMICS-3353F00040 Datasheet
350Kb / 1P
   Metal Waterproof RJ45 Jack With PCB (IP68)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com