Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRFS-P2010-005 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # PRFS-P2010-005
Description  2.4-2.5 GHz Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PRFS-P2010-005 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  PRFS-P2010-005 Datasheet HTML 1Page - ANADIGICS, Inc PRFS-P2010-005 Datasheet HTML 2Page - ANADIGICS, Inc PRFS-P2010-005 Datasheet HTML 3Page - ANADIGICS, Inc PRFS-P2010-005 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
05/2003
2
RFSP2010
2.4–2.5 GHz Power Amplifier
Specification
Min.
Typ.
Max.
Unit
Condition
Overall
Frequency Range
2400
2500
MHz
Output P1dB
25
dBm
Gain
21.5
dB
POUT = +18 dBm
Error Vector Magnitude
1.5
%
POUT = +18 dBm; 54 Mbps OFDM signal
Gain Flatness
±0.5
dB
Across 100 MHz Band
Harmonics
2
Harmonic
-27
dBc
3 Harmonic
-45
dBc
Spurious (Stability)
-60
dBc/30 kHz
POUT = -20 dBm to P1dB
Reverse Isolation
35
dB
Input Return Loss
10
dB
Output Return Loss
10
dB
With matching capacitor
Power Supply
Operating Voltage
3.3
V
Current Consumption
95
180
mA
mA
POUT = +18 dBm; 54 Mbps OFDM signal
POUT = +24 dBm; meets 802.11b ACPR spec
Shutdown Control
Device On Logic High
3.3
V
Device Off Logic Low
0.7
V
Device Off Current
1
uA
Turn-On Time
500
ns
With 50Ω source
Turn-Off Time
500
ns
With 50Ω source
Note 1: Test Conditions:VCC = 3. 3V, Freq. = 2450 MHz, T =25 °C, Small Signal Conditions unless otherwise stated.
Note 2: Increase in EVM over system EVM floor.
Note 3: Load VSWR is set to 7:1 and the angle is varied 360 degrees.
Absolute Maximum Ratings
Parameter
DC Power Supply
6.0
V
DC Supply Current
400
mA
Maximum RF input level
+7
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Ordering Information
PRFS-P2010-EVL
-40 to +85
Evaluation Board
1
PRFS-P2010-005
-40 to +85
13" Reverse Tape/Reel
2500 pcs.
PRFS-P2010-006
-40 to +85
13" Tape/Reel
2500 pcs.
PRFS-P2010-007
-40 to +85
7" Reverse Tape/Reel
1000 pcs.
PRFS-P2010-008
-40 to +85
7" Tape/Reel
1000 pcs.
PRFS-P2010-009
-40 to +85
Bulk – 4x4 mm 24-pin LPCC
1-999 pcs.
nge
Temp. Ra
Package Description
Quantity
Part Number
(°C)
Unit
Rating
r
Paramete
1
2
3
nd
rd
@ P1dB
@ P1dB


Similar Part No. - PRFS-P2010-005

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PRFS-P2020-005 ANADIGICS-PRFS-P2020-005 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-006 ANADIGICS-PRFS-P2020-006 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-007 ANADIGICS-PRFS-P2020-007 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-008 ANADIGICS-PRFS-P2020-008 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-009 ANADIGICS-PRFS-P2020-009 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results

Similar Description - PRFS-P2010-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
   2.4~2.5 GHz High Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com