Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-312U-000E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-312U-000E
Description  2.0 A minimum peak output current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-312U-000E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-312U-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Package Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage**
VISO
3750
VRMS
RH < 50%, t = 1 min.
TA = 25°C
8, 9
Resistance (Input-Output)
RI-O
1012
VI-O = 500 VDC
9
Capacitance (Input-Output)
CI-O
0.8
pF
ƒ = 1 MHz
LED-to-Case Thermal
Resistance
qLC
467
°C/W
Thermocouple located at
center underside of package
28
LED-to-Detector Thermal
Resistance
qLD
442
°C/W
Detector-to-Case Thermal
Resistance
qDC
126
°C/W
* All typicals at TA = 25°C.
** The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refers to your equipment level safety specification or Avago Application Note 1074 entitled“Optocoupler
Input-Output Endurance Voltage.”
Notes:
1. Derate linearly above 70°C free-air temperature at a rate of 0.0727 mA/°C.
2. Maximum pulse width = 10 μs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak
minimum = 2.0 A. See Applications section for additional details on limiting IOH peak.
3. Derate linearly above 70°C free-air temperature at a rate of 5.0 mW/°C.
4. Derate linearly above 70°C free-air temperature at a rate of 5.0 mW/°C. The maximum LED junction temperature should not exceed 150°C.
5. Maximum pulse width = 50 μs, maximum duty cycle = 0.5%.
6. In this test VOH is measured with a dc load current. When driving capacitive loads VOH will approach VCC as IOH approaches zero amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage ≥4500 Vrms for 1 second (leakage detection
current limit, II-O ≤ 5 μA).
9. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
10. The difference between tPHL and tPLH between any two ACPL-312U parts under the same test condition.
11. Pins 1 and 4 need to be connected to LED common.
12. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output
will remain in the high state (i.e., VO > 15.0 V).
13. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output
will remain in a low state (i.e., VO < 1.0 V).
14. This load condition approximates the gate load of a 1200 V/75A IGBT.
15. Pulse Width Distortion (PWD) is defined as |tPHL-tPLH| for any given device.


Similar Part No. - ACPL-312U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results

Similar Description - ACPL-312U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
Analog Devices
ADUM4121 AD-ADUM4121 Datasheet
529Kb / 16P
   2 A peak output current (<2 廓 RDSON)
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com