Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M46U-000E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M46U-000E
Description  Fast maximum propagation delays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M46U-000E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M46U-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46U-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I – IV
I – III
I – II
Climatic Classification
55/125/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec, Partial discharge < 5 pC
VPR
1063
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6=VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
VPR
907
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure.
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
W
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/
EN/DIN EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
Regulatory Information
The ACPL-M46U-000E is approved by the following organizations:
UL
Approved under UL 1577, component recognition pro-
gram up to VISO = 3750 VRMS
CSA
Approved under CSA Component Acceptance Notice #5
IEC/EN/DIN EN 60747-5-5
Approved under:
IEC 60747-5-5:2007
EN 60747-5-5:2011
Recommended Reflow Soldering Profile
Recommended reflow soldering condition are per JEDEC Standard J-STD-020 (latest revision). Non-halide flux should
be used.


Similar Part No. - ACPL-M46U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
More results

Similar Description - ACPL-M46U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
   Short Maximum Propagation Delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Maxim Integrated Produc...
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
   Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
MAX40026EVKIT MAXIM-MAX40026EVKIT Datasheet
591Kb / 8P
   Fast Propagation Delay: 280ps typ
319-100332; Rev 0; 3/19
logo
Motorola, Inc
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com