Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2354 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2354
Description  PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2354 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2354 Datasheet HTML 1Page - National Semiconductor (TI) LMX2354 Datasheet HTML 2Page - National Semiconductor (TI) LMX2354 Datasheet HTML 3Page - National Semiconductor (TI) LMX2354 Datasheet HTML 4Page - National Semiconductor (TI) LMX2354 Datasheet HTML 5Page - National Semiconductor (TI) LMX2354 Datasheet HTML 6Page - National Semiconductor (TI) LMX2354 Datasheet HTML 7Page - National Semiconductor (TI) LMX2354 Datasheet HTML 8Page - National Semiconductor (TI) LMX2354 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LMX2354
PLLatinum Fractional N RF/ Integer N IF Dual Low Power
Frequency Synthesizer
LMX2354 2.5 GHz/550 MHz
General Description
The LMX2354 is part of a family of monolithic integrated
fractional N/Integer N frequency synthesizers designed to be
used in a local oscillator subsystem for a radio transceiver. It
is fabricated using National’s 0.5 µ ABiC V silicon BiCMOS
process. The LMX2354 contains quadruple modulus pres-
calers along with modulo 15 or 16 fractional compensation
circuitry in the RF divider. The LMX2354 provides a continu-
ous
divide
ratio
of
80
to
32767
in
16/17/20/21
(1.2 GHz–2.5 GHz) fractional mode and 40 to 16383 in
8/9/12/13 (550 MHz–1.2 GHz) fractional mode. The IF cir-
cuitry for the LMX2354 contains an 8/9 prescaler, and is fully
programmable. Using a fractional N phase locked loop tech-
nique, the LMX2354 can generate very stable low noise
control signals for UHF and VHF voltage controlled oscilla-
tors (VCOs).
For the RF PLL, a highly flexible 16 level programmable
charge pump supplies output current magnitudes from 100
µA to 1.6 mA. Two uncommitted CMOS outputs can be used
to provide external control signals, or configured to FastLock
mode. Serial data is transferred into the LMX2354 via a three
wire interface (Data, LE, Clock). Supply voltage can range
from 2.7V to 5.5V. The LMX2354 family features very low
current consumption; typically LMX2354 (2.5 GHz) — 7.0
mA. The LMX2354 are available in a 24-pin TSSOP surface
mount plastic package and 24-pin CSP.
Features
n
Pin compatible/functional equivalent to the LMX2350
n
Enhanced Low Noise Fractional Engine
n
2.7V to 5.5V operation
n
Low current consumption
LMX2354: I
CC = 7 mA typical at 3V
n
Programmable or logical power down mode:
I
CC = 5 µA typical at 3V
n
Modulo 15 or 16 fractional RF N divider supports ratios
of 1, 2, 3, 4, 5, 8, 15, or 16
n
Programmable charge pump current levels
RF 100 µA to 1.6 mA in 100 µA steps
IF 100 µA or 800 µA
n
Digital filtered lock detect
n
Available in 24-pin TSSOP and 24-pin CSP
Applications
n
Portable wireless communications (PCS/PCN, cordless)
n
Dual mode cellular telephone systems
n
Zero blind slot TDMA systems
n
Spread spectrum communication systems (CDMA)
n
Cable TV Tuners (CATV)
Functional Block Diagram
20004801
August 2001
© 2001 National Semiconductor Corporation
DS200048
www.national.com


Similar Part No. - LMX2354

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2350TM NSC-LMX2350TM Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
LMX2352 TI1-LMX2352 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2352TM NSC-LMX2352TM Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results

Similar Description - LMX2354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
[Old version datasheet]   LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com