Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRFS-P2010-006 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # PRFS-P2010-006
Description  2.4-2.5 GHz Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PRFS-P2010-006 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  PRFS-P2010-006 Datasheet HTML 1Page - ANADIGICS, Inc PRFS-P2010-006 Datasheet HTML 2Page - ANADIGICS, Inc PRFS-P2010-006 Datasheet HTML 3Page - ANADIGICS, Inc PRFS-P2010-006 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
05/2003
4
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product
specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product’s formal
introduction.
Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no
responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application
without written consent is prohibited.
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059,U.S.A.
Tel: +1(908)668-5000
Fax: +1(908)668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com


Similar Part No. - PRFS-P2010-006

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PRFS-P2020-005 ANADIGICS-PRFS-P2020-005 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-006 ANADIGICS-PRFS-P2020-006 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-007 ANADIGICS-PRFS-P2020-007 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-008 ANADIGICS-PRFS-P2020-008 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
PRFS-P2020-009 ANADIGICS-PRFS-P2020-009 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results

Similar Description - PRFS-P2010-006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
   2.4~2.5 GHz High Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com