Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M483 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M483
Description  Short Maximum Propagation Delays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M483 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M483 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-M483 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Vcc
Output
ii. LED is ON
0 V
10 V
1 ms
Vcc = 2~4 V
Vcc
Output
i. LED is OFF
High
Impedance
state
High
Impedance
state
High
Impedance
state
High
Impedance
state
Discharge delay,
depending on the
power supply slew rate
Discharge delay,
depending on the
power supply slew rate
0 V
10 V
1 ms
Vcc = 1.8 V (typ)
Vcc = 2~4 V
Vcc = 1.8 V (typ)
Vcc = 2~4 V
Vcc = 1.8 V (typ)
Vcc = 2~4 V
Vcc = 1.8 V (typ)
Figure 10a. Vcc Ramp when LED is OFF
Figure 10b. Vcc Ramp when LED is ON


Similar Part No. - ACPL-M483

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
   Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-M483

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com