Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P483 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # P483
Description  Short Maximum Propagation Delays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

P483 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button P483 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Table 5. Electrical Specifications
Over recommended operating conditions TA = -40°C to 105° C, VCC = +4.5 V to 30 V, IF(ON) = 4 mA to 7 mA, VF(OFF) = 0 V to
0.8 V, unless otherwise specified. All typical values at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Logic Low Output Voltage
VOL
0.3
V
IOL = 3.5 mA
1, 3
0.5
IOL = 6.5 mA
Logic High Output Voltage
VOH
VCC -0.3
VCC -0.04
V
IOH = -3.5 mA
2, 3, 7
VCC -0.5
VCC -0.07
IOH = -6.5 mA
Logic Low Supply Current
ICCL
1.5
3.0
mA
VCC = 5.5 V, IF = 7 mA, Io = 0 mA
1.7
3.0
mA
VCC = 20 V, IF = 7 mA, Io = 0 mA
Logic High Supply Current
ICCH
1.5
3.0
mA
VCC = 5.5 V, VF = 0 V, Io = 0 mA
1.7
3.0
mA
VCC = 30 V, VF = 0 V, Io = 0 mA
Threshold Input Current,
Output High to Low
IFHL
0.8
2.2
mA
Threshold Input Voltage
Output Low to High
VFLH
0.8
V
Logic Low Short Circuit
Output Current
IOSL
125
200
mA
VO = VCC = 5.5 V, IF = 7 mA, VO = GND
3
125
200
mA
VO = VCC = 20 V, IF = 7 mA, VO = GND
Logic High Short Circuit
Output Current
IOSH
-200
-125
mA
VCC = 5.5 V, VF = 0 V
3
-200
-125
mA
VCC = 20 V, VF = 0 V
Input Forward Voltage
VF
1.3
1.5
1.7
V
TA = 25° C, IF = 4 mA
4
1.85
V
IF = 4 mA
Input Reverse Breakdown
Voltage
BVR
5V
IR = 10 A
Input Diode Temperature
Coefficient
VF/TA
1.7
mV/°C
IF = 4 mA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
4


Similar Part No. - P483

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
P4830 YUXIANG-P4830 Datasheet
103Kb / 1P
   POT TYPE CORES
More results

Similar Description - P483

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com