Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P483 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # P483
Description  Short Maximum Propagation Delays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

P483 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  P483 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED P483 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ACPL-P483 Stretched SO-6 Package, 7 mm clearance
ACPL-W483 Stretched SO-6 Package, 8 mm clearance
45°
NOM.
0.381 ±0.127
(0.015 ±0.005)
1.27 (0.050) BSG
4.580
+ 0.254
– 0
3.180 ±0.127
(0.125 ±0.005)
1.590 ±0.127
(0.063 ±0.005)
0.254 ±0.050
(0.010 ±0.002)
9.7 ±0.250
(0.382 ±0.010)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
0.180
+ 0.010
– 0.000
()
1 ±0.250
(0.040 ±0.010)
0.20 ±0.10
(0.008 ±0.004)
7.62 (0.300)
6.81 (0.268)
0.45 (0.018)
10.7
(0.421)
1.27 (0.05)
0.64 (0.025)
2.16
(0.085)
Land Pattern Recommendation
45°
2
1
34
5
6
0.381 ±0.127
(0.015 ±0.005)
0.20 ±0.10
(0.008 ±0.004)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
4.580
+ 0.254
– 0
0.180
+ 0.010
– 0.000
()
6.807
+ 0.127
– 0
0.268
+ 0.005
– 0.000
()
1.27 (0.050) BSG
35° NOM.
0.750 ±0.250
(0.0295 ±0.010)
11.500 ±0.25
(0.453 ±0.010)
0.254 ±0.050
(0.010 ±0.002)
1.590 ±0.127
(0.063 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
0.45 (0.018)
7.62 (0.300)
12.65
(0.5)
1.27 (0.05)
0.64 (0.025)
1.905
(0.075)
Land Pattern Recommendation


Similar Part No. - P483

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
P4830 YUXIANG-P4830 Datasheet
103Kb / 1P
   POT TYPE CORES
More results

Similar Description - P483

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com