Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P484 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # P484
Description  Short Maximum Propagation Delays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

P484 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  P484 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED P484 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Package Outline Drawings
ACPL-M484 SO-5 Package, 5 mm Creepage & Clearance
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028) MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
Dimensions in millimeters (inches).
* Maximum Mold ash on each side is 0.15 mm (0.006).
Note: Foating Lead Protrusion is 0.15 mm (6 mils) max.
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
Land Pattern Recommendation
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)
Dimension in millimeters (inches)


Similar Part No. - P484

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P484

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com