Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W484 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W484
Description  Short Maximum Propagation Delays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W484 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W484 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-W484 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Table 6. Switching Specifications
Over recommended operating conditions TA = -40° C to 105° C, VCC = +4.5 V to 30 V, IF(ON) = 4 mA to 7 mA, VF(OFF) = 0 V
to 0.8 V, unless otherwise specified. All typicals at TA = 25° C.
Parameter
Symbol
Min.
Typ.
Max.
Units Test Conditions
Fig.
Note
Propagation Delay Time
to Logic Low Output Level
tPHL
95
150
ns
CL = 100 pF, IF(ON) = 4 mA →VF = 0 V
5, 6, 8 6
150
Loaded as per Fig. 5
Propagation Delay Time
to Logic High Output Level
tPLH
85
120
ns
CL = 100 pF, VF = 0 V → IF(ON) = 4 mA
5, 6, 8 6
120
Loaded as per Fig. 5
Pulse Width Distortion
|tPHL - tPLH|
= PWD
90
ns
CL = 100 pF
9
90
Loaded as per Fig. 5
Propagation Delay
Difference Between
Any 2 Parts
PDD
-130
130
ns
CL = 100 pF
10
-130
130
Loaded as per Fig. 5
Output Rise Time (10-90%)
tr
6
ns
5
Output Fall Time (90-10%)
tf
6
ns
5
Logic High Common Mode
Transient Immunity
|CMH|
30
kV/
µs |VCM| = 1000 V, IF = 4.0 mA,
VCC = 5 V, TA = 25° C
9
7
Logic Low Common Mode
Transient Immunity
|CML|
30
kV/
µs |VCM| = 1000 V, VF = 0 V,
VCC = 5 V, TA = 25° C
9
7
Table 7. Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig. Note
Input-Output Momentary
Withstand Voltage*
VISO
3750 (ACPL-M484/P484)
5000 (ACPL-W484)
Vrms
RH < 50%, t = 1 min.
TA = 25° C
5, 8
Input-Output Resistance
RI-O
1012
Ohm
VI-O = 500 Vdc
5
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 Vdc
5
* The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating, refer to the IEC/EN/DIN EN 60747-5-5 Insulation Characteristics Table (if applicable).
UVLO
Figure 10a & b show typical output waveforms during Power-up and Power-down processes.
Notes:
1. Derate total package power dissipation, PT, linearly above 70° C free-air temperature at a rate of 4.5mW/°C(ACPL-P484/W484) and linearly above
85° C free-air temperature at a rate of 0.75mW/°C(ACPL-M484).
2. Detector requires a Vcc of 4.5 V or higher for stable operation as output might be unstable if Vcc is lower than 4.5 V. Be sure to check the power
ON/OFF operation other than the supply current.
3. Duration of output short circuit time should not exceed 500
µs.
4. Input capacitance is measured between pin 1 and pin 3.
5. Device considered a two-terminal device: pins 1, 2 and 3 shorted together and pins 4, 5 and 6 shorted together.
6. The tPLH propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.3 V point on the leading edge of the
output pulse. The tPHL propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.3 V point on the trailing
edge of the output pulse.
7. CMH is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic high state, VO > 2.0 V.
CML is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic low state, VO < 0.8 V. Note:
Equal value split resistors (Rin/2) must be used at both ends of the LED.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for one second (leakage detection
current limit, II-O < = 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/EN/DIN EN
60747-5-5 Insulation Characteristics Table, if applicable.
9. Pulse Width Distortion (PWD) is defined as |tPHL - tPLH | for any given device.
10. The difference of tPLH and tPHL between any two devices under the same test condition.
11. Use of a 0.1
µF bypass capacitor connected between pins Vcc and Ground is recommended.


Similar Part No. - ACPL-W484

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W484 BOARDCOM-ACPL-W484 Datasheet
787Kb / 13P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-W484

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com