Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-785J Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785J
Description  Isolation Amplifier with Short Circuit and Overload Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785J Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
Withstand Voltage
V
ISO
5000
Vrms
RH < 50%, t = 1 min.,
T
A = 25°C
1,2,3
Resistance (Input-Output)
R
I-O
>109
Ω
V
I-O = 500 VDC
3
Capacitance (Input-Output)
C
I-O
1.3
pF
f = 1 MHz
3
Input IC Junction-to-Case
Thermal Resistance
θjci
120
°C/W
T
A = 85°C
Output IC Junction-to-Case
Thermal Resistance
θjco
100
°C/W
T
A = 85°C
Insulation and Safety Related Specifications
Parameter
Symbol
Min.
Max.
Conditions
Minimum External Air Gap
(Clearance)
L(101)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
105
°C
Supply Voltages
V
DD1, VDD2
0.0
5.5
V
4
Steady-State Input Voltage
V
IN+, VIN-
-2.0
V
DD1 + 0.5
V
2 Second Transient Input Voltage
V
IN+, VIN-
-6.0
V
DD1 + 0.5
V
Output Voltage
V
OUT
-0.5
V
DD2 + 0.5
V
Absolute Value Output Voltage
ABSVAL
-0.5
V
DD2 + 0.5
V
Reference Input Voltage
V
REF
0
V
DD2 + 0.5 V
V
5
Reference Input Current
I
REF
20
mA
Output Current
I
VOUT
20
mA
Absolute Value Current
I
ABSVAL
20
mA
FAULT Output Current
I
FAULT
20
mA
Input IC Power Dissipation
P
I
200
mW
Output IC Power Dissipation
P
O
200
mW
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
T
A
-40
85
°C
Supply Voltages
V
DD1, VDD2
4.5
5.5
V
Input Voltage (accurate and linear)
V
IN+, VIN-
-200
200
mV
Input Voltage (functional)
V
IN+, VIN-
-2
2
V
Reference Input Voltage
V
REF
4.0
V
DD2
V
FAULT Output Current
I
FAULT
4
mA


Similar Part No. - ACPL-785J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J AVAGO-HCPL-788J Datasheet
231Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com