Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0723 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0723 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0723 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature[1]
TA
–40
85
°C
Supply Voltages
VDD1,VDD2
0
6.0
Volts
Input Voltage
VI
–0.5
VDD1 +0.5
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Average Output Current
IO
10
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
85
°C
Supply Voltages
VDD1,VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
Logic Low Input Voltage
VIL
0.0
0.8
V
Input Signal Rise and Fall Times
tr, tf
1.0
ms
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25°C,VDD1 =VDD2 = +5V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Logic Low Input Supply Current[2]
IDD1L
8.4
10
mA
VI = 0V; Figure 1
Logic High Input Supply Current[2]
IDD1H
0.6
3
mA
VI =VDD1 ; Figure 2
Output Supply Current
IDD2L
2.1
5
mA
Figure 3
IDD2H
2.0
5
mA
Figure 4
Input Current
II
–10
10
µA
Logic High Output Voltage
VOH
4.4
5.0
V
IO = –20 µA,VI =VIH
4.0
4.8
V
IO = –4 mA,VI =VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA,VI =VIL
0.5
1.0
V
IO = 4 mA,VI =VIL


Similar Part No. - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0723 HP-HCPL-0723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0723-060 HP-HCPL-0723-060 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-060 AVAGO-HCPL-0723-060 Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0723-060E AVAGO-HCPL-0723-060E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

Similar Description - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com