Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-9710 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9710
Description  Small Optical Encoder Modules 360 Ipi Analog Current Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9710 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9710 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9710 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
–40
85
°C
Operating Temperature
TA
0
85
°C
Supply Voltage
VCC
–0.5
7
Volts
Soldering Temperature
TSOL
260
°C
t ≤ 5 sec
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
TA
15
45
°C
Supply Voltage
VCC
4.8
5.0
5.2
Volts
Ripple < 100 m Vp-p
Count Frequency
f
40
kHz
Velocity (rpm) x N/60
Electrical Characteristics
Electrical Characteristics Over the Recommended Operating Conditions. Typical Values at 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
ICC
17
40
mA
Waveform Definition
Iap
Ibp
Ibm
Iam
A
B
A
B
ANALOG
DIGITAL
P
P
S1
S2
S3
S4


Similar Part No. - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
HEDS-9710R-200LPI50 HP-HEDS-9710R-200LPI50 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
HEDS-9710R-200LPI51 HP-HEDS-9710R-200LPI51 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results

Similar Description - HEDS-9710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
HEDS-9730-350 AVAGO-HEDS-9730-350 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com