Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDT-9040 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDT-9040
Description  Two Channel Quadrature Output with Index Pulse
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDT-9040 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HEDT-9040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDT-9040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Output Waveforms
Definitions
Count (N): The number of bar and window pairs or counts
per revolution (CPR) of the codewheel.
One Cycle (C): 360 electrical degrees (°e), 1 bar and window
pair.
One Shaft Rotation: 360 mechanical degrees, N cycles.
Position Error (
DQ): The normalized angular difference
between the actual shaft position and the position
indicated by the encoder cycle count.
Cycle Error (
DC): An indication of cycle uniformity. The dif-
ference between an observed shaft angle which gives rise
to one electrical cycle, and the nominal angular increment
of l/N of a revolution .
Pulse Width (P): The number of electrical degrees that an
output is high during 1 cycle. This value is nominally 180°e
or 1/2 cycle.
Pulse Width Error (
DP): The deviation, in electrical degrees,
of the pulse width from its ideal value of 180°e.
State Width (S): The number of electrical degrees between
a transition in the output of channel A and the neighbor-
ing transition in the output of channel B. There are 4 states
per cycle, each nominally 90°e.
State Width Error (
DS): The deviation, in electrical degrees,
of each state width from its ideal value of 90°e.
Phase (
f): The number of electrical degrees between the
center of the high state of channel A and the center of the
high state of channel B. This value is nominally 90°e for
quadrature output.
Phase Error (
Df): The deviation of the phase from its ideal
value of 90°e.
Direction of Rotation: When the codewheel rotates in the
direction of the arrow on top of the module, channel A will
load channel B. If the codewheel rotates in the opposite
direction, channel B will lead channel A.
Optical Radius (ROP): The distance from the codewheel’s
center of rotation to the optical center (O.C.) of the
encoder module.
Index Pulse Width (Po): The number of electrical degrees
that an index is high during one full shaft rotation. This
value is nominally 90°e or 1/4 cycle.
P
C
CH. A
CH. B
ROTATION
φ
S1
S2
S3
S4
CH. I
2.4 V
0.4 V
2.4 V
0.4 V
2.4 V
0.4 V
P0
t1
t2


Similar Part No. - HEDT-9040

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
More results

Similar Description - HEDT-9040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9140 AVAGO-AEDB-9140 Datasheet
168Kb / 9P
   Two Channel Quadrature Output with Index Pulse
logo
Red Lion Controls. Inc
ZCH0100C REDLION-ZCH0100C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0200C REDLION-ZFH0200C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0100C REDLION-ZFH0100C Datasheet
347Kb / 4P
   MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
logo
Allegro MicroSystems
ATS692LSH ALLEGRO-ATS692LSH Datasheet
355Kb / 12P
   Two-wire, pulse width output protocol
logo
List of Unclassifed Man...
PDG-2510 ETC2-PDG-2510 Datasheet
68Kb / 2P
   Two Channel Digital Delay Pulse Generator
logo
Sames
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
   TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com