Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5911ATLZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFCT-5911ATLZ
Description  Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFCT-5911ATLZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFCT-5911ATLZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image

Package
The overall package concept for the device consists of
the following basic elements; two optical subassem-
blies, two electrical subassemblies and the housing as
illustrated in the block diagram in Figure 3.
The package outline drawing and pin out are shown in
Figures  and 5. The details of this package outline and
pin out are compliant with the multisource definition of
the 2 x 5 DIP.
The electrical subassemblies consist of high volume
multilayer printed circuit boards on which the IC and
various surface-mounted passive circuit elements are
attached.
The receiver electrical subassembly includes an internal
shield for the electrical and optical subassembly to en-
sure high immunity to external EMI fields.
The optical subassemblies are each attached to their
respective transmit or receive electrical subassemblies.
These two units are then placed within the outer hous-
ing of the transceiver. The outer housing of the trans-
ceiver is molded with nonconductive plastic to provide
mechanical strength. The housing is then encased with
a metal EMI protective shield. The case is signal ground
and we recommend soldering the four ground tabs to
host card signal ground.
Each electrical subassembly PCB carries the signal pins
that exit from the bottom of the transceiver.
The solder posts are fastened into the molding of the
device. This design provides the mechanical strength
required to withstand the additional stresses on the
transceiver resulting from the insertion force of fiber
cable mating. Although the solder posts are connected
electrically to the transceiver, it is recommended that
they are connected to the chassis ground.
Figure 3. Block Diagram
DATA OUT
SIGNAL
DETECT
DATA IN
DATA IN
Tx DISABLE
QUANTIZER IC
LASER DRIVER
AND CONTROL
CIRCUIT
PIN PHOTODIODE
PREAMPLIFIER
SUBASSEMBLY
LASER
OPTICAL
SUBASSEMBLY
DATA OUT
LC
RECEPTACLE
R
X SUPPLY
T
X SUPPLY
R
X GROUND
T
X GROUND
LASER BIAS
MONITORING
LASER DIODE
OUTPUT POWER
MONITORING
CASE
*
* NOSE CLIP PROVIDES CONNECTION TO CHASSIS GROUND FOR IMPROVED EMI PERFORMANCE


Similar Part No. - HFCT-5911ATLZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5912E HP-HFCT-5912E Datasheet
334Kb / 16P
   Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5914ATLZ AVAGO-HFCT-5914ATLZ Datasheet
366Kb / 18P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
logo
Agilent(Hewlett-Packard...
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5911ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5914ATLZ AVAGO-HFCT-5914ATLZ Datasheet
366Kb / 18P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710LZ AVAGO-AFBR-5710LZ_15 Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
   1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com