Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6328-31W Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MAX6328-31W
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6328-31W Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MAX6328-31W Datasheet HTML 3Page - NXP Semiconductors MAX6328-31W Datasheet HTML 4Page - NXP Semiconductors MAX6328-31W Datasheet HTML 5Page - NXP Semiconductors MAX6328-31W Datasheet HTML 6Page - NXP Semiconductors MAX6328-31W Datasheet HTML 7Page - NXP Semiconductors MAX6328-31W Datasheet HTML 8Page - NXP Semiconductors MAX6328-31W Datasheet HTML 9Page - NXP Semiconductors MAX6328-31W Datasheet HTML 10Page - NXP Semiconductors MAX6328-31W Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
7
TYPICAL PERFORMANCE CURVES
MAX6326
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1.0
SL01831
RESET OUTPUT VOLTAGE LOW, VOL(RESET) (V)
VDD = 1.2 V
Figure 3. Output sink current vs. RESET output voltage low.
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1.0
1.5
2.0
2.5
SL01832
RESET OUTPUT VOLTAGE LOW, VOL(RESET) (V)
VDD = 2.1 V
Figure 4. Output sink current vs. RESET output voltage low.
0
5
10
15
20
25
30
35
40
45
01234
SL01833
RESET OUTPUT VOLTAGE HIGH, VOH (RESET) (V)
VDD = 1.2 V
Figure 5. Output sink current vs. RESET output voltage high.
0
10
20
30
40
50
60
70
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
SL01834
RESET OUTPUT VOLTAGE HIGH, VOH (RESET) (V)
VDD = 2.1 V
Figure 6. Output sink current vs. RESET output voltage high.


Similar Part No. - MAX6328-31W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6328-T MAXIM-MAX6328-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6328-31W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com