Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3568 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3568
Description  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3568 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3568 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3568 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 15. Maximum tolerable peak current vs.
pulse duration. (IDC MAX as per MAX ratings).
Figure 16. Relative luminous intensity vs. angular displacement.
Figure 13. Relative luminous intensity vs.
forward current.
Figure 14. Relative efficiency (luminous intensity
per unit current) vs. peak current.
Figure 12. Forward current vs. forward voltage.
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V – FORWARD VOLTAGE – V
F


Similar Part No. - HLMP-3568

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3568 HP-HLMP-3568 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Similar Description - HLMP-3568

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com