Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AL70 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AL70
Description  5 mm Mini Oval Red and Amber LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AL70 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AL70 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Packaging Box for Ammo Packs
Note: The dimension for ammo pack is applicable for the device with standoff and without standoff.
Packaging Label:
(i) Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 260C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e3
max temp 260C
Lamps Baby Label


Similar Part No. - HLMP-AL70

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AL01-L0R00 HP-HLMP-AL01-L0R00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RDD HP-HLMP-AL01-L0RDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RYY HP-HLMP-AL01-L0RYY Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0T00 HP-HLMP-AL01-L0T00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0TDD HP-HLMP-AL01-L0TDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
More results

Similar Description - HLMP-AL70

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com