Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AM71 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM71
Description  High brightness material
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM71 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HLMP-AM70/AM71, HLMP-AB70/AB71
Green and Blue
5 mm Mini Oval LEDs
Data Sheet
Description
The oval shaped radiation pattern and high luminous
intensity ensure that these devices are excellent for wide
field of view outdoor applications where a wide viewing
angle and readability in sunlight are essential. The
package epoxy contains both UV inhibitors to reduce the
effects of long term exposure to direct sunlight.
Applications
Mono color signs
Package Dimensions
A: No Standoff
Features
Well defined spatial radiation pattern
High brightness material
Available in green and blue color.
Green InGaN 525nm
Blue InGaN 470nm
Superior resistance to moisture
Standoff and non stand-off Package
Tinted and diffused
Typical viewing angle 30° x 70°
CAUTION: InGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Notes:
1. All dimensions in millimeters (inches).
2. Dimension d = 11.59 mm.
3. Tolerance is ± 0.20 mm unless otherwise specified.
cathode lead
cathode lead
sq. typ.
8.70 ±0.20
0.342 ±0.008
8.70 ±0.20
0.342 ±0.008
5.20 ±0.200
0.205 ±0.008
5.20 ±0.20
0.205 ±0.008
0.8
0.032
max.
0.8
0.032
max.
0.70
0.028
max.
0.70
0.028
max.
24.00
0.945
min.
24.00
0.945
min.
1.00
0.038
min.
1.00
0.038
min.
0.50 ±0.10
0.020 ±0.004
sq. typ.
0.50 ±0.10
0.020 ±0.004
1.50 ±0.15
0.0591 ±0.006
2.54 ±0.3
0.100 ±0.012
2.54 ±0.3
0.100 ±0.012
3.80 ±0.200
0.150 ±0.008
3.80 ±0.200
0.150 ±0.008
d
B: Standoff


Similar Part No. - HLMP-AM71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM74 AVAGO-HLMP-AM74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
HLMP-AM75 AVAGO-HLMP-AM75 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
More results

Similar Description - HLMP-AM71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LD61 AVAGO-HLMP-LD61 Datasheet
455Kb / 12P
   High brightness material
ALMD-CM3F AVAGO-ALMD-CM3F Datasheet
589Kb / 11P
   High brightness material
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com