Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KI310000M1K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46KI310000M1K
Description  Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KI310000M1K Datasheet(HTML) 1 Page - Kemet Corporation

  R46KI310000M1K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 160de5fe-b660-4b50-94ef-b89a2aaff208
KEMET Part Number: R46KI310000M1K
Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
Dimensions
L
18mm +0.3mm
H
11mm +0.1mm
T
5mm +0.2mm
S
15mm +/-0.4mm
LL
4mm +2/-0mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 2000
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: R46
Features: Pulse
RoHS: Yes
Lead: Cut
Approvals: ENEC, UL, cUL, CQC
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 560 VDC
Voltage AC: 275 VAC
Temperature Range: -40/+110C
Rated Temperature: 110C
Dissipation Factor: 0.1% 1kHz
Insulation Resistance: 100 GOhms
Max dVdt: 400 V
Safety Class: X2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R46KI310000M1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI310000M1M KEMET-R46KI310000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 15mm
More results

Similar Description - R46KI310000M1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI3100DQM1K KEMET-R46KI3100DQM1K Datasheet
59Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI310000M1M KEMET-R46KI310000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI21005001K KEMET-R46KI21005001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.01 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI368000P0K KEMET-R46KI368000P0K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.68 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI315050M2K KEMET-R46KI315050M2K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.15 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI23305001K KEMET-R46KI23305001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.033 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI333050N0K KEMET-R46KI333050N0K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI347050M1K KEMET-R46KI347050M1K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI322050M2K KEMET-R46KI322050M2K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.22 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
R46KI24705001K KEMET-R46KI24705001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.047 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com