Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B524BIA Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # B524BIA
Description  500 Series Intelligent Sensors with Integral Communications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B524BIA Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  B524BIA Datasheet HTML 1Page - Systemsensor advanced ideas. B524BIA Datasheet HTML 2Page - Systemsensor advanced ideas. B524BIA Datasheet HTML 3Page - Systemsensor advanced ideas. B524BIA Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-228-01
500 Series Junction Box Selection Guide*
Single
31/2
4
4
50
60
70
75
Gang
Oct.
Oct.
Sq.
mm
mm
mm
mm
B501
Yes
NoNoNo
Yes
Yes
Yes
No
B501B
Yes
Yes
Yes
Yes
No
No
No
No
B524RB
No
Yes
Yes
Yes
No
Yes
Yes
Yes
B524BI
No
Yes
Yes
Yes
No
No
Yes
Yes
B501BH
No
No
No
Yes
No
No
No
No
* Box depth contingent on base and wire size. Refer to National Electrical Code or applicable local codes for appropriate recommendations.
Ordering Information
Part No.
Description
UL
ULC
1551B
1551AB
Intelligent Ionization Sensor, Plug-in Head
2551HR
2551AHR
Intelligent Photoelectronic Sensor, Plug-in
Head
2551THR
2551TAHR
Intelligent High Resolution Photoelectronic
Sensor with Thermal, Plug-in Head
5551B
5551AB
Intelligent Thermal Sensor, Fixed
Temperature (135
°F), Plug-in Head
5551R
5551RA
Intelligent 135
°F Fixed Temperature/Rate-
of-Rise Thermal Sensor, Plug-in Head
B501B
B501B
Flanged Mounting Base, 6.1
″ (15.5 cm)
B501
B501
Flangeless Mounting Base, 4
″ (10.2 cm)
B524RB
B524RBA
Intelligent Relay Base, Flanged
B524BI
B524BIA
Intelligent Isolator Base, Flanged
B501BH
B501BHA
Sounder Base (includes B501 Base)
M500MB
M500MAB
Monitor Module, Interfaces with
Mechanical Contact Devices
M500CH
M500CHA
Control Module, Controls Devices
Requiring External Power
M500X
M500X
Isolator Module, Isolates Groups of
Devices Between Two Isolator Modules in
the Event of a Short Circuit Across
Communication Line
M501M
M501MA
Mini-Monitor Module
DH500
DH500A
Intelligent Duct Housing
DH500ACDC
DH500ACDCA Intelligent Duct Housing with Auxiliary
Contacts
RA400Z
RA400ZA
Remote Annunciator
Accessories
MOD400R
Field Sensitivity Test Tool
SMB600
Surface Mounting Kit for Flanged Base
(B501B)
SMK400
Surface Mounting Kit for Flangeless Base
(B501)
RMK400
Recessed Mounting Kit for Flangeless Base
(B501)
SMB500
Surface Mount Box for 500 Series Modules
XR5
Detector Head Removal Tool
XP-4
Extension Poles for XR5 Detector Removal
Tool
RS14
Replacement Screen for 1551B
RS24
Replacement Screen for 2551HR
RS24T
Replacement Screen for 2551THR
CRT400
Cover Removal Tool for 1551B
DUST45
Replacement Dust Cover for 500 Series
Smoke Sensors
System Sensor Worldwide Manufacturing & Distribution
In Canada:
Telephone: 905-812-0767
Fax: 905-812-0771
In China:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In the Far East:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In India:
Telefax: 91-022-8202564
In Italy:
Telephone: 39-40-9490-111
Fax: 39-40-382137
In the United Kingdom:
Telephone: 44-1403-276500
Fax: 44-1403-276501


Similar Part No. - B524BIA

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B524BI SYSTEMSENSOR-B524BI Datasheet
112Kb / 2P
   Intelligent Relay and Isolator Bases
More results

Similar Description - B524BIA

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2551HR SYSTEMSENSOR-2551HR Datasheet
51Kb / 4P
   Photoelectronic Sensors with Communications
MDDS743 SYSTEMSENSOR-MDDS743 Datasheet
171Kb / 2P
   500 Series Intelligent Modules
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
   Intelligent Eight-Channel Communications Controller
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
   NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
List of Unclassifed Man...
B100XXL ETC-B100XXL Datasheet
405Kb / 11P
   LED displays with integral driver
Ver 1.0
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Hynix Semiconductor
GM16C550 HYNIX-GM16C550 Datasheet
205Kb / 22P
   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFOs
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
   Intelligent MP Series
logo
KISTLER INSTRUMENT CORP...
9215A KISTLER-9215A Datasheet
274Kb / 5P
   Sensors for Small Forces –0,5 ... 0,5 N to –500 ... 500 N
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com