Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-LG71 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LG71
Description  Red, Green and Blue 4 mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LG71 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LG71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
TA = 25° C
Parameter
Red
Green/ Blue
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
110
mW
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figures 4 and 8.
2. Duty Factor 30%, frequency 1 kHz.
3. Duty Factor 10%, frequency 1 kHz.
Electrical / Optical Characteristics
TA = 25° C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.1
3.1
2.4
3.6
3.6
VIF = 20 mA
Reverse Voltage [1]
Red
Green and Blue
VR
5
5
V
IR = 100
μA
IR = 10
μA
Dominant Wavelength [2]
Red
Green
Blue
618
520
460
626
525
470
630
540
480
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
λPEAK
634
517
461
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal Resistance
R
θJ-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [3]
Red
Green
Blue
ηV
190
475
68
lm/W
Emitted Luminous Power/
Emitted Radiant Power
Luminous Efficiency [4]
Red
Green
Blue
ηe
50
60
13
lm/W
Luminous Flux/Electrical Power
Notes:
1. Indicates product final testing condition, long term reverse bias is not recommended.
2. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp.
3. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
ηV where IV is the luminous intensity in candelas and ηV is
the luminous efficacy in lumens/watt.
4.
ηe = ϕV / IF x VF, where ϕV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.


Similar Part No. - HLMP-LG71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
More results

Similar Description - HLMP-LG71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com