Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6346-46D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MAX6346-46D
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6346-46D Datasheet(HTML) 3 Page - NXP Semiconductors

  MAX6346-46D Datasheet HTML 1Page - NXP Semiconductors MAX6346-46D Datasheet HTML 2Page - NXP Semiconductors MAX6346-46D Datasheet HTML 3Page - NXP Semiconductors MAX6346-46D Datasheet HTML 4Page - NXP Semiconductors MAX6346-46D Datasheet HTML 5Page - NXP Semiconductors MAX6346-46D Datasheet HTML 6Page - NXP Semiconductors MAX6346-46D Datasheet HTML 7Page - NXP Semiconductors MAX6346-46D Datasheet HTML 8Page - NXP Semiconductors MAX6346-46D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
3
ORDERING INFORMATION
MAX632x
TYPE
PACKAGE
TEMPERATURE
RESET
NUMBER
NAME
DESCRIPTION
RANGE
RESET
MAX6326-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C
push-pull
Active-LOW
reset output
MAX6326-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C
push-pull
Active-LOW
reset output
MAX6327-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C
push-pull
Active-HIGH
reset output
MAX6327-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C
push-pull
Active-HIGH
reset output
MAX6328-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C
open-drain
Active-LOW
reset output
MAX6328-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C
open-drain
Active-LOW
reset output
NOTE:
The device has five standard voltage output options, indicated by the XX on the “Type Number”.
Additional voltage output options may be available (see Table 1).
XX (type number suffix)
Voltage (Typical)
22
2.2 V
23
2.3 V
26
2.6 V
29
2.9 V
31
3.1 V
MAX634x
TYPE
PACKAGE
TEMPERATURE
RESET
NUMBER
NAME
DESCRIPTION
RANGE
RESET
MAX6346-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C push-pull
Active-LOW
reset output
MAX6346-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C push-pull
Active-LOW
reset output
MAX6347-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C push-pull
Active-HIGH
reset output
MAX6347-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C push-pull
Active-HIGH
reset output
MAX6348-XXD
SOT23-3
Plastic small outline package; 3 leads; body width 1.5 mm
–40
°C to +85 °C open-drain Active-LOW
reset output
MAX6348-XXW
SC70-3
Plastic small outline package; 3 leads; body width 1.15 mm
–40
°C to +85 °C open-drain Active-LOW
reset output
NOTE:
The device has two standard voltage output options, indicated by the XX on the “Type Number”.
Additional voltage output options may be available (see Table 1).
XX (type number suffix)
Voltage (Typical)
44
4.4 V
46
4.6 V


Similar Part No. - MAX6346-46D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6346-T MAXIM-MAX6346-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6346-46D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com