Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6763NZ2-S6B1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6763NZ2-S6B1E
Description  Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6763NZ2-S6B1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6763NZ2-S6B1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6763NZ2-S6B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Atom™ Processor N455/D525
COM Express® Compact Module
SOM-6763 B1
ƒ Embedded Intel® Atom™ Processor N455 SC 1.66 GHz / D525 DC 1.80 GHz
+ ICH8M
ƒ Intel® Gen 3.5 DX9, MPEG2 hardware decoder, supports 24-bit LVDS, VGA
ƒ Supports 2 DDR3-667 for N455 up to 2 GB and DDR3-800 for D525 up to
4 GB SODIMMB
ƒ Supports 5 PCIe x 1, 4 PCI masters, LPC, 3 SATAII, 8 USB 2.0, EIDE, GbE
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM Express R2.0 Compact Module, Type II Pin-out.
Processor System
CPU
Intel Atom Processor N455 1.66 GHz (single Core), 512 KB L2 Cache
Intel Atom Processor D525 1.80 GHz (dual Core), 1 MB L2 Cache
System Chipset
ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
Supports DDR3 667 MHz (N455) and 800 MHz (D525)
Max. Capacity
Up to 2GB for N455; up to 4GB for D525
Socket
2 x 204-pin SODIMM sockets
Display
Chipset
Intel Atom N455 or Intel Atom D525
Graphic Engine
Intel Gen 3.5 DX9, MPEG2 hardware decoder
LVDS
24-bit single channel LVDS
VGA
Intel Atom N455 up to 1400 x 1050
Intel Atom D525 up to 2048 x 1536
DVI
-
TV Out
-
SDVO
-
Dual Display
CRT + LVDS
Ethernet
Chipset
Intel 82567V Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer
Expansion
LPC, 5 PCIe x1 (1 PCIe x4), 4 PCI masters, I2C
I/O
PATA
1 EIDE (UDMA 100)
SATA
3 SATAII (300 MB/s)
USB
8 USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Power Consumption
(Typical)
6763N (2 GB DDR3 667)
+12 V @ 0.9 A
6763D (2 GB DDR3 800)
+12 V @ 0.94 A
Power Consumption
(Max, test in HCT)
6763N (2 GB DDR3 667)
+12 V @ 1.3 A
6763D (2 GB DDR3 800)
+12 V @ 1.5 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Brightness
Control
Software APIs:
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - SOM-6763NZ2-S6B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6763NZ2-S6B1E ADVANTECH-SOM-6763NZ2-S6B1E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
SOM-6763NZ2-S6B1E ADVANTECH-SOM-6763NZ2-S6B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763NZ2-S6B1E ADVANTECH-SOM-6763NZ2-S6B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763NZ2-S6B1E ADVANTECH-SOM-6763NZ2-S6B1E Datasheet
672Kb / 2P
   Computer On Modules
More results

Similar Description - SOM-6763NZ2-S6B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763B1 ADVANTECH-SOM-6763B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 COM-Express Compact Module
SOM-7562-B1 ADVANTECH-SOM-7562-B1_15 Datasheet
557Kb / 2P
   Intel짰 Atom??Processor N455 COM Express짰 Mini Module
logo
AAEON Technology
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
SOM-7562B1 ADVANTECH-SOM-7562B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455 COM-Express Mini Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com