Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T602-030M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # T602-030M
Description  Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T602-030M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  T602-030M Datasheet HTML 1Page - Connor-Winfield Corporation T602-030M Datasheet HTML 2Page - Connor-Winfield Corporation T602-030M Datasheet HTML 3Page - Connor-Winfield Corporation T602-030M Datasheet HTML 4Page - Connor-Winfield Corporation T602-030M Datasheet HTML 5Page - Connor-Winfield Corporation T602-030M Datasheet HTML 6Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Telecom Performance
5x7mm
TCXO / VCTCXO
T / TV Series
Description:
Connor-Winfield's Txxx
and TVxxx series are
5x7mm TCXO and
VCTCXO products with
exceptional frequency
stability and low phase
noise. Through the use
of analog temperature
compensation, these products are capable
of holding Stratum 3 level temperature
stabilities of ±0.28 ppm over the commercial
and industrial temperature ranges. Available
in 4-pad or 10-pad surface mount footprints.
These products are designed for
such applications as IEEE 1588 PTP and
Synchronous Ethernet.
All models will meet ±4.6 ppm accuracies
for twenty years
Features:
Frequency Stabilities Available:
+/-0.28 ppm (6.4 to 49.152 MHz)
+/-0.50 ppm (6.4 to 49.152 MHz)
+/-1.00 ppm or +/-2.00 ppm (6.4 to 54 MHz)
Temperature Ranges Available:
0 to 85°C, 0 to 70°C, -40 to 85°C or
-20 to 70°C Packages Available:
T - Series: 5 x 7mm - 10 Pad
TV - Series: 5 x 7mm - 4 Pad
3.3 Vdc Operation
Output Logic: LVCMOS or Clipped Sinewave
Fixed Frequency - TCXO
Voltage Controlled - VCTCXO
Low Jitter <0.50 ps RMS
Low Phase Noise
Tri-State Enable/Disable: (T Model Series Only)
Tape and Reel Packaging
RoHS Compliant / Lead Free
Bulletin
Tx176
Page
1 of 6
Revision
20
Date
27 July 2016
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Type / Package
TCXO / VCTCXO
Series
T = 5.0x7.0 mm
10 Pads
TV = 5.0x7.0 mm
4 Pads
Output Frequency
Frequency Format
-xxx.xM Min
-xxx.xxxxxxM Max
*Amount of numbers after
the decimal point.
M = MHz
TV
- 010.0M
Ordering Information
Example: Part Number
TV504-010.0M = 5x7mm 4 pad package, ±0.28 ppm, 0 to 70°C, 3.3 Vdc, LVCMOS Output, VCTCXO
T715-012.8M = 5x7mm 10 pad package, ±0.50 ppm, -20 to 70°C, 3.3 Vdc, Clipped Sinewave Output, VCTCXO
T522-050.0M = 5x7mm 10 pad package, ±1.0 ppm, 0 to 70°C, 3.3 Vdc, LVCMOS Output, TCXO
TV602-010.0M = 5x7mm 4 pad package, ±0.28 ppm, -40 to 85°C, 3.3 Vdc, LVCMOS Output, TCXO
TV504
1407
10.0
MHZ
Features
2 = TCXO, LVCMOS, 3.3 Vdc
3 = TCXO, Clipped Sinewave, 3.3 Vdc
4 = VCTCXO, LVCMOS, 3.3 Vdc
5 = VCTCXO, Clipped Sinewave, 3.3 Vdc
Temperature
Range
3 = 0 to 85 °C
5 = 0 to 70°C
6 = -40 to 85°C
7 = -20 to 70°C
Frequency
Stability
0 = ±0.28 ppm
1 = ±0.50 ppm
2 = ±1.00 ppm
3 = ±2.00 ppm
4
5
0
Standard Frequencies Available *
* 6.4, 9.72, 10, 10.24, 12.5, 12.8, 13.5, 19.2, 19.44, 20, 20.48, 25, 27, 38.88, 40 MHz
Available frequencies from the factory for small quantity orders or quick delivery.
Additional frequencies are available. Alternate package outline for select part numbers 38MHz to 52MHz
Applications:
IEEE 1588 Applications
Synchronous Ethernet slave clocks, ITU-T G.8262 EEC options 1 & 2
Compliant to Stratum 3, GR-1244-CORE & GR-253-CORE
Wireless Communications
Small Cells
Test and Measurement
GPS
Available at Digi-Key**
www.digikey.com
** Not all
Models
available at
Digi-Key


Similar Part No. - T602-030M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T602-019.44M CONNOR-WINFIELD-T602-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results

Similar Description - T602-030M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
DV75C-040M CONNOR-WINFIELD-DV75C-040M Datasheet
508Kb / 4P
   5x7mm Precision TCXO Model DV75C
D75J-050M CONNOR-WINFIELD-D75J-050M Datasheet
470Kb / 2P
   5x7mm Precision TCXO Model D75J
DV75D-020M CONNOR-WINFIELD-DV75D-020M Datasheet
426Kb / 2P
   5x7mm Precision TCXO Model DV75D
D75A-020M CONNOR-WINFIELD-D75A-020M Datasheet
444Kb / 3P
   5x7mm Precision TCXO Model D75A
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com