Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VH6131-LZ-30-2488.32MHz Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # VH6131-LZ-30-2488.32MHz
Description  VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VH6131-LZ-30-2488.32MHz Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  VH6131-LZ-30-2488.32MHz Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
SERIES VH6131
2488.32 MHz
SPECIFICATIONS
NOMINAL FREQUENCY
2488.32 MHz
FREQUENCY STABILITY OVER TEMPERATURE RANGE
(REFERENCED TO 25°C)
±25 PPM MAX OVER 0°C TO +70°C AT VC = +2.5 VDC AND STANDARD LOAD
OPERATING TEMPERATURE RANGE
0°C TO +70°C
STORAGE TEMPERATURE RANGE
-40°C TO +85°C
AGING CHARACTERISTICS
±5.0 PPM MAX FOR THE FIRST YEAR AND ±10 PPM MAX FOR 10 YEARS
OUTPUT WAVEFORM
SINEWAVE
OUTPUT LEVEL: 0 dBm
HARMONIC SUPPRESSION: -10 dBc TYPICAL
REFERENCE SUPPRESSION: -50 dBc MIN AT ±9.72 MHz AWAY FROM CARRIER
LOAD
50 OHMS
FREQUENCY STABILITY OVER LOAD VARIATION
±3.0 PPM MAX FOR 10% VARIATION AT VC = +2.5 VDC, VCC = +12.0 VDC AT 25°C
SUPPLY VOLTAGE
+7.0 TO +12.0 VDC ±5%
FREQUENCY STABILITY OVER SUPPLY VOLTAGE
VARIATION
±1.0 PPM MAX FOR 5% VARIATION AT VC = +2.5 VDC AND STANDARD LOAD AT
25°C
SUPPLY CURRENT
100 mA MAX AT VC = +2.5 VDC, VCC = +12.0 VDC AND STANDARD LOAD AT 25°C
FREQUENCY ADJUSTMENT
±50 PPM MIN OVER CONTROL VOLTAGE RANGE AT VCC = +5.0 V AND STANDARD
LOAD AT 25°C
NOMINAL CONTROL VOLTAGE (VC)
+2.5 VDC
SETTABILITY AT Vfo †
+2.5 VDC ±0.5 VDC
CONTROL VOLTAGE RANGE
+0.5 TO +4.5 VDC
LINEARITY
±15 % MAX OF BEST STRAIGHT LINE FIT
SLOPE
POSITIVE
MODULATION FREQUENCY BANDWIDTH
10 KHz (-3dB) MIN
INPUT IMPEDANCE
50 KOHM MIN
PHASE NOISE (TYPICAL)
SEE GRAPH OF PHASE NOISE CHARACTERISTICS
2.00 SQ.
50.8 SQ.
.76
.030
1.36
34.52
MARKING
LABEL
1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 1
OUTLINE DRAWING
PHASE NOISE CHARACTERISTICS
PART NUMBERING SYSTEM
EXAMPLE:
VH6131*-LZ-30-2488.32 MHz
PIN
FUNCTION
PIN 1
V CONT
PIN 2
N/C
PIN 3
OUTPUT
PIN 4
CASE/GROUND
PIN 5
+12 VDC
PINCONNECTION
-80
-75
-108
-78
-120
-100
-80
-60
-40
-20
0
1 KHz
10 KHz
100 KHz
1 MHz
Offset from carrier
SERIES
-
TEMPERATURE
CODE
-
FREQUENCY
ADJUSTMENT
-
FREQUENCY
VH6131*
LZ
30
2488.32 MHz
PLL DESIGN
TOLERANCE AND STABILITY TO ± 10 PPM
CUSTOM SPECIFICATIONS AVAILABLE
FEATURES


Similar Part No. - VH6131-LZ-30-2488.32MHz

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH647 ETC1-VH647 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH647 NJSEMI-VH647 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH648 ETC1-VH648 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
More results

Similar Description - VH6131-LZ-30-2488.32MHz

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV7050C-P3 KSS-KV7050C-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050G-P3 KSS-KV7050G-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050L KSS-KV7050L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Mercury United Electron...
G534 MERCURY-G534 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com