Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6047644 Datasheet(PDF) 3 Page - SICK AG

Part # 6047644
Description  TEMPERATURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6047644 Datasheet(HTML) 3 Page - SICK AG

  6047644 Datasheet HTML 1Page - SICK AG 6047644 Datasheet HTML 2Page - SICK AG 6047644 Datasheet HTML 3Page - SICK AG 6047644 Datasheet HTML 4Page - SICK AG 6047644 Datasheet HTML 5Page - SICK AG 6047644 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
THTL-1PAAB0213MZ | THTL
TEMPERATURE SENSORS
Ambient data
Ambient temperature
–40 °C ... +85 °C
Storage and transport temperature
–40 °C ... +85 °C
Shock resistance
50 g, 6ms (according to IEC 60068-2-27)
Relative humidity
100 % 1)
1) , Condensation allowed.
Classifications
ECl@ss 5.0
27200208
ECl@ss 5.1.4
27200208
ECl@ss 6.0
27200208
ECl@ss 6.2
27200208
ECl@ss 7.0
27200208
ECl@ss 8.0
27200208
ECl@ss 8.1
27200208
ECl@ss 9.0
27200208
ETIM 5.0
EC001446
ETIM 6.0
EC001446
UNSPSC 16.0901
41112211
Dimensional drawing (Dimensions in mm (inch))
Process connection: Angled pipe
(
0.19)
4.8
D
TL
(
0.35)
9
G 3/8
(
0.35)
9
(
0.19)
4.8
TL
D
Complete assembly
Protection tube with process connenection
Design
Ø D
s
TL
L1
L
M
Angled pipe
NW 17.2
17.2 (0.68)
1.6 (0.63)
34.0 (13.39)
55.0 (21.65)
16.0 (6.30)
41.0 (16.14)
NW 21.3
21.3 (0.84)
1.6 (0.63)
36.0 (14.17)
58.0 (22.83)
18.0 (7.09)
39.0 (15.35)
NW 26.9
26.9 (1.06)
1.6 (0.63)
55.0 (21.65)
81.0 (31.89)
30.0 (11.81)
27.0 (10.63)
NW 42.4
42.4 (1.17)
2.0 (0.79)
65.0 (25.59)
102.0 (40.16)
30.0 (11.81)
27.0 (10.63)
2017-03-14 16:25:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - 6047644

ManufacturerPart #DatasheetDescription
logo
SICK AG
6047640 SICK-6047640 Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
6047641 SICK-6047641 Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
6047642 SICK-6047642 Datasheet
803Kb / 6P
   TEMPERATURE SENSORS
6047643 SICK-6047643 Datasheet
803Kb / 6P
   TEMPERATURE SENSORS
6047645 SICK-6047645 Datasheet
806Kb / 6P
   TEMPERATURE SENSORS
More results

Similar Description - 6047644

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com