Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Z
Description  RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 2. Electrical Specifications at Tc = +250C
Typical Performance Curves at Tc = +25°C
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Reverse Current vs. Reverse Voltage
Minimum
Breakdown
Voltage
VBR (V)
Maximum
Forward
Voltage
VF (mV)
Maximum
Forward
Voltage
VF (V)
Maximum
Reverse
Leakage
IR (nA)
Minimum
Capacitance
CT (pF)
Typical
Dynamic
Resistance
RD (Ohm)
15
340
0.5
100
1.0
12
Test Conditions
VR = VBR
Measure IR ≤100uA
IF = 1mA
IF = 10mA
VR = 1V
VR = 0 V
f = 1 MHz
IF = 5mA
0.01
0.10
1.00
10.00
100.00
0.00
0.10
0.20
0.30
0.40
0.50
FORWARD VOLTAGE (V)
125 ˚C
75 ˚C 25 ˚C
-25 ˚C
05
15
VR - REVERSE VOLTAGE (V)
10
1
1000
100
10
100,000
10,000
TA = +125 ˚C
TA = +75 ˚C
TA = +25 ˚C
Figure 3. Total Capacitance vs. Reverse Bias
Figure 4. Dynamic Resistance vs. Forward Current
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
VR -REVERSE VOLTAGE (V)
1
10
100
1000
0
1
10
100
FORWARD CURRENT (mA)


Similar Part No. - HSMS-282Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820 HP-HSMS-2820 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2820 AVAGO-HSMS-2820 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
HSMS-2820 AVAGO-HSMS-2820 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2820 BOARDCOM-HSMS-2820 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-282Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282Y AVAGO-HSMS-282Y Datasheet
199Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
   RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
   General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
HSMP-381Z-TR1G AVAGO-HSMP-381Z-TR1G Datasheet
182Kb / 5P
   Low Distortion Attenuator RF PIN Diodes In Surface Mount SOD-323 Package
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
   RF Switching PIN Diodes In Surface Mount SOD-523 Package
HSMS-286Y AVAGO-HSMS-286Y Datasheet
184Kb / 4P
   Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Foshan Blue Rocket Elec...
SD103AWS FOSHAN-SD103AWS Datasheet
659Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
BAT54J FOSHAN-BAT54J Datasheet
736Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
B5817WS FOSHAN-B5817WS Datasheet
1Mb / 6P
   Schottky Diode in a SOD-323 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com