Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286Y Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286Y
Description  Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286Y Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HSMS-286Y
Microwave Schottky Detector Diodes
In Surface Mount SOD-523 Package
Data Sheet
Features
• Space saving SOD-523 package
• High Detection Sensitivity
Up to 50 mW/uW at 915 MHz
Up to 35 mW/uW at 2.45 GHz
Up to 25 mW/uW at 5.80 GHz
• Tape and Reel Options Available
• MSL 1 & Lead Free
Package Marking and Pin Connections
Description/Applications
The HSMS-286Y of Avago Technologies is a DC biased
detector Diode that designed and optimized for use
from 915MHz to 5.8GHz. They are ideal for RF/ID and
RF Tag applications as well as large signal detection,
modulation, RF to DC conversion or voltage doubling.
The device is housed in a miniature low cost surface
mount SOD-523 package. This miniature package is
particularly useful in the application where board space
is the major concern.
Table 1. Absolute Maximum Ratings [1] at Tc = +25
°°°°°C
P?
Anode
cathode
Note: Package marking provides orientation and identification
“P”
= Device Code
“?”
= Month code indicates the month of manufacture
Symbol
Parameter
Unit
Max Rating
PIV
Peak Inverse Voltage
V4
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
TOP
Storage Temperature
°C
-65 to 150
θjb
Thermal Resistance[2]
°C/W
175
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR
method.
Attention: Observe precautions for handling electrostatic sensitive devices.
ESD Machine Model <30V
ESD Human Body Model =50 V
Refer to Avago Technologies Application Note A004R: Electrostatic Discharge, Damage and Control.


Similar Part No. - HSMS-286Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2860 HP-HSMS-2860 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286Y

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285Y AVAGO-HSMS-285Y Datasheet
223Kb / 4P
   Zero Bias Schottky Detector Diodes In Surface Mount SOD-523 Package
HSMS-282Y AVAGO-HSMS-282Y Datasheet
199Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
   RF Switching PIN Diodes In Surface Mount SOD-523 Package
logo
NXP Semiconductors
PESD24VS1UB PHILIPS-PESD24VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com