Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-24106-TR2G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-24106-TR2G
Description  High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-24106-TR2G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-24106-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-24106-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Figure 2. Demo board and application schematic diagram for 1.575 GHz
Notes:
1. R1, L4, C3, and C4 are not required in actual application. These are added on demoboard to mitigate power supply noise in the test
environment.
2. Pin 3 must be left unconnected.
3. L1and L2 form the input matching network. C1, C2 and L3 form a matching network at the output of the LNA.
4. Bias control is achieved by either varying the SD voltage with/ without R2, or fixing the SD voltage to Vdd and adjusting R2 for desired
current. R2 = 27 kOhm will result in 3.3mA.
Bias control circuit
R2=27 kohm
GND
C4[1]=330 pF
Vsd
Vdd
RF in
RF out
1
2
3
4
5
6
L1=10 nH
L2=18 nH
R1[1]=10 ohm
L4[1]=22 nH
C2=39 pF
C3[1]=0.1 uF
C1=1.0 pF
L3=2.2 nH


Similar Part No. - MGA-24106-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-24106-TR2G BOARDCOM-MGA-24106-TR2G Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
More results

Similar Description - MGA-24106-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-GA001 BOARDCOM-ALM-GA001 Datasheet
827Kb / 18P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
ALM-GA002 BOARDCOM-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA002 AVAGO-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
ALM-1106 AVAGO-ALM-1106 Datasheet
177Kb / 10P
   GPS Low Noise amplifier with Variable bias current and Shutdown function
logo
Broadcom Corporation.
ALM-1106 BOARDCOM-ALM-1106 Datasheet
177Kb / 10P
   GPS Low Noise amplifier with Variable bias current and Shutdown function
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
MGA-635T6 BOARDCOM-MGA-635T6 Datasheet
125Kb / 10P
   GPS Low Noise Amplifi er with Variable Bias Current and Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635T6 AVAGO-MGA-635T6 Datasheet
125Kb / 10P
   GPS Low Noise Amplifi er with Variable Bias Current and Shutdown Function
logo
Broadcom Corporation.
ALM-2506 BOARDCOM-ALM-2506 Datasheet
128Kb / 9P
   GPS Low Noise Amplifi er Variable Current/Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com