Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-06-HE3-18 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS40-06-HE3-18
Description  Small Signal Schottky Diodes, Single and Dual
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS40-06-HE3-18 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS40-06-HE3-18 Datasheet HTML 1Page - Vishay Siliconix BAS40-06-HE3-18 Datasheet HTML 2Page - Vishay Siliconix BAS40-06-HE3-18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40-00 to BAS40-06
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 25-Feb-13
1
Document Number: 85701
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes, Single and Dual
FEATURES
• These diodes feature very low turn-on voltage
and fast switching
• These devices are protected by a PN junction
guardring against excessive voltage, such as
electrostatic discharges
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
Note
(1) Device on fiberglass substrate, see layout on next page.
Note
(1) Device on fiberglass substrate, see layout on next page.
1
2
3
1
2
3
1
2
3
1
2
3
Top View
Top View
BAS40-05
BAS40-06
BAS40-04
BAS40-00
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
BAS40-00
BAS40-00-E3-08 or BAS40-00-E3-18
Single diode
43
Tape and reel
BAS40-00-HE3-08 or BAS40-00-HE3-18
BAS40-04
BAS40-04-E3-08 or BAS40-04-E3-18
Dual diodes serial
44
BAS40-04-HE3-08 or BAS40-04-HE3-18
BAS40-05
BAS40-05-E3-08 or BAS40-05-E3-18
Dual diodes common cathode
45
BAS40-05-HE3-08 or BAS40-05-HE3-18
BAS40-06
BAS40-06-E3-08 or BAS40-06-E3-18
Dual diodes common anode
46
BAS40-06-HE3-08 or BAS40-06-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM = VRWM = VR
40
V
Forward continuous current (1)
IF
200
mA
Surge forward current (1)
tp < 1 s
IFSM
600
mA
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
500
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating temperature range
Top
- 55 to + 125
°C


Similar Part No. - BAS40-06-HE3-18

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAS40-06-7 DIODES-BAS40-06-7 Datasheet
155Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
BAS40-06-7 DIODES-BAS40-06-7 Datasheet
100Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS40-06-7-F DIODES-BAS40-06-7-F Datasheet
257Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 19 - 2
BAS40-06-7-F DIODES-BAS40-06-7-F Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 21 - 2
More results

Similar Description - BAS40-06-HE3-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_12 Datasheet
81Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
BAT54 VISHAY-BAT54_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V-G VISHAY-BAT54-V-G_10 Datasheet
82Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 28-Jun-10
BAT54-G VISHAY-BAT54-G_V01 Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00 VISHAY-BAS40-00_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS70-00 VISHAY-BAS70-00_V01 Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com