Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54-367-049 Datasheet(PDF) 11 Page - API Technologies Corp

Part # 54-367-049
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-049 Datasheet(HTML) 11 Page - API Technologies Corp

Back Button 54-367-049 Datasheet HTML 7Page - API Technologies Corp 54-367-049 Datasheet HTML 8Page - API Technologies Corp 54-367-049 Datasheet HTML 9Page - API Technologies Corp 54-367-049 Datasheet HTML 10Page - API Technologies Corp 54-367-049 Datasheet HTML 11Page - API Technologies Corp 54-367-049 Datasheet HTML 12Page - API Technologies Corp 54-367-049 Datasheet HTML 13Page - API Technologies Corp 54-367-049 Datasheet HTML 14Page - API Technologies Corp 54-367-049 Datasheet HTML 15Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
70
15
15
12
12
5
5
70
33
29
29
52
33
24
25
48
12
18
18
70
54
35
35
70
56
54
32
70
38
24
24
70
70
42
42
70
70
70
42
70
70
34
34
70
70
55
55
70
70
70
55
70
70
55
55
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø TT Circuit Standard Product
SCI-2060-009
SCI-2060-013
SCI-2060-007
SCI-2060-014
SCI-2160-011
SCI-2160-012
SCI-2160-013
SCI-2160-014
SCI-2360-011
SCI-2360-006
SCI-2360-007
SCI-2360-014
See Pg.
LP35
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
0.25
3.00
10.0
10.0
1.00
2.00
3.00
10.0
1.00
3.00
10.0
10.0
1.500
1.500
1.500
1.500
1.500
1.500
1.500
1.400
0.500
0.500
0.500
0.500
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
50
50
50
50
100
100
100
100
300
300
300
300
125
125
125
125
DC
AC
MIL
No
Max
L
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
In
(mm)
DCR
Max
Ohms
12.000
0.081
0.006
0.006
0.750
0.189
0.081
0.006
0.750
0.080
0.006
0.006
Thd
Lgth
B
B
A
B
B
B
B
B
B
A
A
B
LP36


Similar Part No. - 54-367-049

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
54-367-049 SPECTRUM-54-367-049 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 54-367-049

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com