Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54-367-056 Datasheet(PDF) 7 Page - API Technologies Corp

Part # 54-367-056
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-056 Datasheet(HTML) 7 Page - API Technologies Corp

Back Button 54-367-056 Datasheet HTML 3Page - API Technologies Corp 54-367-056 Datasheet HTML 4Page - API Technologies Corp 54-367-056 Datasheet HTML 5Page - API Technologies Corp 54-367-056 Datasheet HTML 6Page - API Technologies Corp 54-367-056 Datasheet HTML 7Page - API Technologies Corp 54-367-056 Datasheet HTML 8Page - API Technologies Corp 54-367-056 Datasheet HTML 9Page - API Technologies Corp 54-367-056 Datasheet HTML 10Page - API Technologies Corp 54-367-056 Datasheet HTML 11Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
6
6
6
3
3
2
17
20
20
13
13
13
13
15
15
8
8
8
8
8
8
8
15
10
23
26
26
24
24
24
24
23
23
15
15
15
15
14
14
14
21
21
35
35
35
45
45
45
45
38
38
30
30
30
30
25
25
25
32
41
69
56
56
80
80
80
80
60
60
68
68
68
68
58
58
58
60
70
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit MIL Qualified Profile continued
51-444-040
51-353-156
51-353-157
¦
51-353-076
¦
51-353-077
51-444-043
51-444-044
51-390-040
51-390-039
51-444-005
¦
51-353-078
¦
51-353-079
¦
51-444-046
51-444-047
¦
51-353-080
51-353-081
51-444-027
51-444-117
See Pg.
LP30
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
LB
LT
LB
LT
LB
LT
LB
LT
LT
LT
LT
LB
LB
LT
LT
LB
LB
LB
0.450
0.450
0.450
0.250
0.250
0.250
0.250
0.250
0.250
0.150
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.150
70
60
60
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
60
60
70
70
70
70
70
70
70
70
70
100
100
100
150
150
150
150
150
150
150
150
150
150
150
150
150
200
300
125
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
M15733
MIL
No
25-0020
39-0009
39-0010
26-0001
26-0003
26-0013
26-0015
23-0058
23-0057
34-0015
26-0004
26-0006
26-0018
26-0019
26-0007
26-0010
34-0030
54-0018
Max
L
0.738
0.760
0.760
0.758
0.738
0.758
0.738
0.630
0.630
0.758
0.758
0.738
0.738
0.758
0.758
0.738
0.900
0.740
(18.745)
(19.304)
(19.304)
(19.253)
(18.745)
(19.253)
(18.745)
(16.002)
(16.002)
(19.253)
(19.253)
(18.745)
(18.745)
(19.253)
(19.253)
(18.745)
(22.860)
(18.796)
In
(mm)
DCR
Max
Ohms
0.015
0.003
0.003
0.250
0.250
0.250
0.250
0.070
0.070
0.050
0.050
0.050
0.050
0.015
0.015
0.015
0.150
0.250
Thd
Lgth
B
A
A
A
A
B
B
A
B
B
A
A
B
B
A
A
A
A
I
Amp
5.00
10.00
10.00
1.00
1.00
1.00
1.00
2.00
2.00
3.00
3.00
3.00
3.00
5.00
5.00
5.00
5.00
1.00
(See MIL index on pages CF9-11 for
complete MIL part number listing)
¦
Also available through API’s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
LP32


Similar Part No. - 54-367-056

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
54-367-056 SPECTRUM-54-367-056 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 54-367-056

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com