Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37300-3.3BR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC37300-3.3BR
Description  3.0A, LOW VOLTAGE UCAP LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37300-3.3BR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC37300-3.3BR Datasheet HTML 4Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 5Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 6Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 7Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 8Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 9Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 10Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 11Page - Micrel Semiconductor MIC37300-3.3BR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
November 2003
11
M0307-112003
MIC37300/37301/37302
Micrel
0.256 BSC
(6.50 BSC)
0.360 (9.14)
0.350 (8.89)
0.375 (9.52)
0.365 (9.27)
0.031 (0.79)
0.025 (0.63)
0.080 (2.03)
0.070 (1.78)
0.008 (0.20)
0.004 (0.10)
0.316 BSC
(8.03 BSC)
0.420 (0.20)
0.410 (0.10)
0.420 (0.20)
0.410 (0.10)
0.041 (1.04)
0.031 (0.79)
0.010 BSC
(0.25 BSC)
0.100 BSC
(2.54 BSC)
0.041 (1.04)
0.031 (0.79)
0.010 BSC
(0.25 BSC)
0.035 (0.89)
0.045 (1.14)
0.320 (8.13)
0.310 (7.87)
0.050 (1.27)
0.030 (0.76)
"A"
DETAIL "A"
3-Lead S-PAK (R)


Similar Part No. - MIC37300-3.3BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37300-3.3BR MICREL-MIC37300-3.3BR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37300-3.3BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
logo
HTC Korea TAEJIN Techno...
TJ47300GDP HTC-TJ47300GDP Datasheet
657Kb / 14P
   3.0A Low Output Voltage Ultra LDO Regulator
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com