Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37301-1.5BR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC37301-1.5BR
Description  3.0A, LOW VOLTAGE UCAP LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37301-1.5BR Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC37301-1.5BR Datasheet HTML 1Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 2Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 3Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 4Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 5Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 6Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 7Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 8Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2003
3
M0307-112003
MIC37300/37301/37302
Micrel
Electrical Characteristics(5)
T
A = 25°C with VIN = VOUT + 1V; VEN = VIN; IL = 10mA; bold values indicate –40°C < TJ < +125°C; unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
I
L = 10mA
–1+1
%
10mA < I
OUT < IL(max), VOUT + 1 ≤ VIN ≤ 6V
–2+2
%
Output Voltage Line Regulation
V
IN = VOUT +1.0V to 6.0V, IL = 10mA
0.02
0.5
%
Output Voltage Load Regulation
I
L = 10mA to 3A
0.2
1
%
V
IN – VOUT; Dropout Voltage
(6)
I
L = 1.5A
175
350
mV
I
L = 3A
310
500
mV
Ground Pin Current(7)
I
L = 3A
27
40
mA
50
mA
Ground Pin Current in Shutdown
V
IL < 0.5V, VIN = VOUT + 1V
1.0
5
µA
Current Limit
V
OUT = 0
4.75
6.5
A
Start-up Time
V
EN = VIN, IOUT = 10mA, COUT = 47µF
170
500
µs
Enable Input
Enable Input Threshold
Regulator enable
2.25
V
Regulator shutdown
0.8
V
Enable Pin Input Current
V
IL < 0.8V (Regulator shutdown)
2
µA
4
µA
V
IH > 2.25V (Regulator enabled)
1
15
30
µA
75
µA
Flag Output
I
FLG(LEAK)
V
OH = 6V
1
µA
2
µA
V
FLG(LO)
V
IN = 2.25V, IOL = 250µA
(8)
210
400
mV
500
mV
V
FLG
Low Threshold, % of V
OUT below nominal
93
%
Hysteresis
2
%
High Threshold, % of V
OUT below nominal
99.2
%
MIC37302 Only
Reference Voltage
1.228
1.240
1.252
V
1.215
1.265
V
Adjust Pin Bias Current
40
80
nA
120
nA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
P
D(max) = (TJ(max) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applications Information.”
4.
Device is ESD sensitive. Handling precautions recommended.
5.
Specification for packaged product only.
Absolute Maximum Rating(1)
Supply Voltage (V
IN) .................................................... 6.5V
Enable Input Voltage (V
EN)
(3) ................................................ 6.5V
Power Dissipation (P
D)
(3) ............................... Internally Limited
Junction Temperature (T
J) ................. –40°C ≤ TJ ≤ +125°C
Storage Temperature (T
S) ................. –65°C ≤ TJ ≤ +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD(4)
Operating Maximum Rating(2)
Supply Voltage (V
IN) ..................................... 2.25V to 6.0V
Enable Input Voltage (V
EN) ................................ 0V to 6.0V
Junction Temperature Range (T
J) ..... –40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
S-Pak (
θ
JC) ........................................................ 2°C/W
TO-263-5 (
θ
JC) .................................................. 2°C/W


Similar Part No. - MIC37301-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37301-1.5BR MICREL-MIC37301-1.5BR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37301-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
logo
HTC Korea TAEJIN Techno...
TJ47300GDP HTC-TJ47300GDP Datasheet
657Kb / 14P
   3.0A Low Output Voltage Ultra LDO Regulator
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com