Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1454 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1454
Description  Q Surround Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1454 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1454 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1454 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1454 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1454 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1454 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI
Q Surround Processor MM1454
Application Circuit
Characteristics
*
1 Resistor Tolerance ±1%
*
2 Capacitor Tolerance ±5%
*
3 The mute signal which switches off the power supply of a power amplifier that is connected with MM1454
appears in the 4 terminal. (NOTE 7)
*
4 The pop noise which occurs in a moment of the power supply switching on is reduced by connecting the
capacitor (10uF) between 2PIN and GND. But if the reduced pop noise cause trouble for your application, we
recommend muting the pop noise by the power amplifier that is connected with MM1454.
*
5 SW1: A QSurround Mode
SW2: B Bypass Mode
1. LIN-ROUT (RIN-LOUT) Frequency (Q Surround)
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.
100.0
10.0
1.0k
10.0k
100.0k
Frequency (Hz)
2. LIN-ROUT (RIN-ROUT) Frequency (Q Surround)
Frequency (Hz)
10.0
8.0
6.0
4.0
2.0
0.
-2.0
-4.0
-6.0
-8.0
-10.0
100.0
10.0
1.0k
10.0k
100.0k


Similar Part No. - MM1454

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM145453 NSC-MM145453 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453 TI-MM145453 Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453V NSC-MM145453V Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM145453V NSC-MM145453V Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
More results

Similar Description - MM1454

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8334 AGAMEM-AA8334 Datasheet
242Kb / 9P
   SURROUND PROCESSOR
logo
YAMAHA CORPORATION
YM7128B YAMAHA-YM7128B Datasheet
975Kb / 9P
   Surround Processor
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
List of Unclassifed Man...
YSS220 ETC1-YSS220 Datasheet
776Kb / 20P
   SURROUND PROCESSOR 3
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M65849BFP MITSUBISHI-M65849BFP Datasheet
84Kb / 15P
   SINGLE CHIP SURROUND PROCESSOR
logo
Renesas Technology Corp
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
   SINGLE CHIP SURROUND PROCESSOR
logo
New Japan Radio
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
Renesas Technology Corp
M65849CFP RENESAS-M65849CFP Datasheet
298Kb / 23P
   SINGLE CHIP SURROUND PROCESSOR
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com