Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C33E4AXXXFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M38C33E4AXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C33E4AXXXFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M38C33E4AXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38C33E4AXXXFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
I/O PORTS
[Direction Registers (ports P2, P4, P50, P52–P57,
and P6–P8)]
The I/O ports P2, P4, P50, P52–P57, and P6–P8 have direction reg-
isters which determine the input/output direction of each individual
pin. Each bit in a direction register corresponds to one pin, each pin
can be set to be input port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin becomes
an output pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are float-
ing. If a pin set to input is written to, only the port output latch is
written to and the pin remains floating.
[Direction Registers (ports P0 and P1)]
Ports P0 and P1 have direction registers which determine the input/
output direction of each individual port.
Each port in a direction register corresponds to one port, each port
can be set to be input or output.
When “0” is written to the bit 0 of a direction register, that port be-
comes an input port. When “1” is written to that port, that port be-
comes an output port. Bits 1 to 7 of ports P0 and P1 direction regis-
ters are not used.
Pull-up/Pull-down Control
By setting the PULL register A (address 001616) or the PULL register
B (address 001716), ports except for ports P3 and P51 can control
either pull-down or pull-up (pins that are shared with the segment
output pins for LCD are pull-down; all other pins are pull-up) with a
program.
However, the contents of PULL register A and PULL register B do
not affect ports programmed as the output ports.
Port P8 Output Selection
Ports P80 to P87 can be switched to N-channel open-drain output by
setting “1” to the port P8 output selection register.
Fig. 8 Structure of PULL register A and PULL register B
Pin
P00/SEG8
P07/SEG15
P10/SEG16
P17/SEG23
P20/SEG0
P27/SEG7
P30/SEG24
P37/SEG31
Name
Port P0
Port P1
Port P2
Port P3
Input/Output
Input/Output,
port unit
Input/Output,
port unit
Input/Output,
individual bits
Output,
individual bits
I/O format
CMOS compatible input
level
CMOS 3-state output
CMOS compatible input
level
CMOS 3-state output
CMOS compatible input
CMOS 3-state output
CMOS 3-state output
Non-port function
LCD segment output
LCD segment output
LCD segment output
LCD segment output
Related SFRs
PULL register A
Segment output enable reg-
ister
PULL register A
Segment output enable reg-
ister
PULL register A
Segment output enable reg-
ister
Segment output enable reg-
ister
Ref. No.
(1)
(2)
Table 4 List of I/O port function (1)
Fig. 9 Structure of port P8 output selection register
P00–P07 pull-down
P10–P17 pull-down
P20–P27 pull-down
Not used
P70, P71 pull-up
P80–P87 pull-up
PULL register A
(PULLA : address 001616)
b7
b0
P40–P43 pull-up
P44–P47 pull-up
P50, P52, P53 pull-up
P54–P57 pull-up
P60, P63 pull-up
P64–P67 pull-up
Not used (return “0” when read)
0 : Disable
1 : Enable
PULL register B
(PULLB : address 001716)
b7
b0
Note : The contents of PULL register A and PULL register B
do not affect ports programmed as the output ports.
Not used (return “0” when read)
0 : CMOS output (in output mode)
1 : N-channel open-drain output
(in output mode)
Port P8 output selection register
(P8SEL : address 0018 16)
b7
b0


Similar Part No. - M38C33E4AXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C33E4AXXXFP RENESAS-M38C33E4AXXXFP Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C33E4AXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com