Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4190IDBR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4190IDBR
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4190IDBR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  SRC4190IDBR Datasheet HTML 1Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 2Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 3Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 4Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 5Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 6Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 7Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 8Page - Burr-Brown (TI) SRC4190IDBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SRC4190
SBFS023A
2
www.ti.com
Supply Voltage, VDD .......................................................... –0.3V to +4.0V
Supply Voltage, VIO ........................................................... –0.3V to +4.0V
Digital Input Voltage .......................................................... –0.3V to +4.0V
Operating Temperature Range ........................................ –45
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those specified is
not implied.
PIN CONFIGURATION (SRC4190)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
SRC4190
SSOP-28
DB
–45
°C to +85°C
SRC4190I
SRC4190IDB
Rails, 50
"
"""
"
SRC4190IDBR
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
Top View
LGRP
RCKI
N.C.
SDIN
BCKI
LRCKI
V
IO
DGND
BYPAS
IFMT0
IFMT1
IFMT2
RST
MUTE
MODE2
MODE1
MODE0
BCKO
LRCKO
SDOUT
V
DD
DGND
TDMI
OFMT0
OFMT1
OWL0
OWL1
RDY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SRC4190
PIN#
NAME
DESCRIPTION
1
LGRP
Low Group Delay Control Input (Active High)
2
RCKI
Reference Clock Input
3
N.C.
No Connection
4
SDIN
Audio Serial Data Input
5
BCKI
Input Port Bit Clock I/O
6
LRCKI
Input Port Left/Right Word Clock I/O
7VIO
Digital I/O Supply, +1.65V to VDD
8
DGND
Digital Ground
9
BYPAS
ASRC Bypass Control Input (Active High)
10
IFMT0
Input Port Data Format Control Input
11
IFMT1
Input Port Data Format Control Input
12
IFMT2
Input Port Data Format Control Input
13
RST
Reset Input (Active Low)
14
MUTE
Output Mute Control Input (Active High)
15
RDY
ASRC Ready Status Output (Active Low)
16
OWL1
Output Port Data Word Length Control Input
17
OWL0
Output Port Data Word Length Control Input
18
OFMT1
Output Port Data Format Control Input
19
OFMT0
Output Port Data Format Control Input
20
TDMI
TDM Data Input (Connect to DGND when not in use)
21
DGND
Digital Ground
22
VDD
Digital Core Supply, +3.3V
23
SDOUT
Audio Serial Data Output
24
LRCKO
Output Port Left/Right Word Clock I/O
25
BCKO
Output Port Bit Clock I/O
26
MODE0
Serial Port Mode Control Input
27
MODE1
Serial Port Mode Control Input
28
MODE2
Serial Port Mode Control Input
PIN DESCRIPTIONS (SRC4190)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - SRC4190IDBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4190IDBR BURR-BROWN-SRC4190IDBR Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190IDBR TI1-SRC4190IDBR Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190IDBRQ1 TI1-SRC4190IDBRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
More results

Similar Description - SRC4190IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com