Electronic Components Datasheet Search |
|
CC0201MCX5R9BB Datasheet(PDF) 7 Page - YAGEO Corporation |
|
CC0201MCX5R9BB Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 18 page www.yageo.com Jan. 12, 2017 V.23 General Purpose & High Cap. 4 V to 50 V Surface Mount Multilayer Ceramic Capacitors 7 18 Product specification X5R Table 5 THICKNESS CLASSES AND PACKING QUANTITY SIZE CODE THICKNESS CLASSIFICATION TAPE WIDTH QUANTITY PER REEL Ø 180 MM / 7 INCH Ø 330 MM / 13 INCH QUANTITY PER BULK CASE Paper Blister Paper Blister 0201 0.3 ± 0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 ± 0.05 / 0.1 mm 8 mm 10,000 --- 50,000 --- 50,000 0.5 ± 0.15 / 0.2 mm 8 mm 10,000 --- 40,000 --- --- 0603 0.8 ± 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 ± 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.85 ± 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 ± 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 1206 0.6 ± 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.85 ± 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 ± 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 ± 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 ± 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1.6 ± 0.2 mm 8 mm --- 2,000 --- 8,000 --- 1210 0.6 / 0.7 ± 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 ± 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 ± 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 ± 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 ± 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 ± 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 ± 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 ± 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 2.5 ± 0.2 mm 8 mm --- 1,000 500 --- --- --- |
Similar Part No. - CC0201MCX5R9BB |
|
Similar Description - CC0201MCX5R9BB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |