Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB551VM-30 Datasheet(PDF) 1 Page - Rohm

Part # RB551VM-30
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB551VM-30 Datasheet(HTML) 1 Page - Rohm

  RB551VM-30_15 Datasheet HTML 1Page - Rohm RB551VM-30_15 Datasheet HTML 2Page - Rohm RB551VM-30_15 Datasheet HTML 3Page - Rohm RB551VM-30_15 Datasheet HTML 4Page - Rohm RB551VM-30_15 Datasheet HTML 5Page - Rohm RB551VM-30_15 Datasheet HTML 6Page - Rohm RB551VM-30_15 Datasheet HTML 7Page - Rohm RB551VM-30_15 Datasheet HTML 8Page - Rohm RB551VM-30_15 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB551VM-30
lApplication
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
General rectification
lFeatures
1) Ultra small mold type (UMD2)
2) High reliability
3) Super low VF
lStructure
lConstruction
Silicon epitaxial planar type
lTaping specifications (Unit : mm)
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF1
-
-
0.36
V
VF2
-
-
0.47
V
Reverse current
IR
-
-
100
mA
VR=20V
125
-
-55 to +125
Parameter
Conditions
-
IF=100mA
Forward voltage
IF=500mA
mA
resistive load
Non-repetitive forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive at
2
A
Ta=25ºC , 1cycle
Average forward rectified current
Io
Glass epoxy board mounted, 60Hz half sin wave,
Duty≦0.5
30
Direct reverse voltage
20
500
Parameter
Symbol
Conditions
Limits
Unit
ROHM : UMD2
JEITA : SC-90/A
: Manufacture date
JEDEC :SOD-323
0.3±0.05
0.7±0.2
    0.1
0.1±0.1
    0.05
1.25±0.1
(2) Anode
(1) Cathode
0.9
UMD2
(1)
(2)
1.0 +
0.2
-0
0.25±0.05
1.5 MAX
4.0±0.1
2.0±0.05
4.0±0.1
1.4
+0.1
-0.05
1.5 +0.1
-0
1/5
2015.07 - Rev.A


Similar Part No. - RB551VM-30_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551VM-30 ROHM-RB551VM-30 Datasheet
1Mb / 4P
   Schottky Barrier Diode
logo
List of Unclassifed Man...
RB551VM-30 ETC1-RB551VM-30 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
More results

Similar Description - RB551VM-30_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com