Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2005-SLS2-TR Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31AP2005-SLS2-TR
Description  2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2005-SLS2-TR Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2005-SLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31AP2005-SLS2-TR Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IS31AP2005
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev. C, 08/31/2015
INPUT CAPACITORS (CIN)
The input capacitors and input resistors form a
high-pass filter with the corner frequency, fC,
determined in Equation (2).
IN
IN C
R
c
f
2
1
(2)
The value of the input capacitor is important to
consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless
phones cannot usually respond well to low frequencies,
so the corner frequency can be set to block low
frequencies in this application.
Equation (3) is reconfigured to solve for the input
coupling capacitance.
C
IN f
R
IN
C
2
1
(3)
If the corner frequency is within the audio band, the
capacitors should have a tolerance of ±10% or better,
because any mismatch in capacitance causes an
impedance mismatch at the corner frequency and
below.
For a flat low-frequency response, use large input
coupling capacitors (1μF). However, in a GSM phone
the ground signal is fluctuating at 217Hz, but the signal
from the codec does not have the same 217Hz
fluctuation. The difference between the two signals is
amplified, sent to the speaker, and heard as a 217Hz
hum.
SUMMING INPUT SIGNALS
Most wireless phones or PDAs need to sum signals at
the audio power amplifier or just have two signal
sources that need separate gain. The IS31AP2005
makes it easy to sum signals or use separate signal
sources with different gains. Many phones now use the
same speaker for the earpiece and ringer, where the
wireless phone would require a much lower gain for
the phone earpiece than for the ringer. PDAs and
phones that have stereo headphones require summing
of the right and left channels to output the stereo signal
to the mono speaker.
SUMMING TWO DIFFERENTIAL INPUT SIGNALS
Two extra resistors are needed for summing
differential signals (Figure 14). The gain for each input
source can be set independently by Equations (4) and
(5).
1
1
150
2
1
IN
IN
O
R
k
Gain
V
V
V
V
(4)
2
2
150
2
2
IN
IN
O
R
k
Gain
V
V
V
V
(5)
Figure 14
Application Circuit with Summing Two Differential Inputs
If summing left and right inputs with a gain of 1V/V, use
RIN1 = RIN2 = 300kΩ.
If summing a ring tone and a phone signal, set the
ring-tone gain to Gain2 = 2V/V, and the phone gain to
Gain1 = 0.1V/V. The resistor values would be.
RIN1 = 3MΩ, and RIN2 = 150kΩ.
SUMMING A DIFFERENTIAL INPUT SIGNAL AND A
SINGLE-ENDED INPUT SIGNAL
Figure 15 shows how to sum a differential input signal
and a single-ended input signal. Ground noise may
couple in through IN- with this method. It is better to
use differential inputs. The corner frequency of the
single-ended input is set by CIN2, shown in Equation (6).
To assure that each input is balanced, the
single-ended input must be driven by a low-impedance
source even if the input is not in use. The gain for each
input source can be set independently by Equations (4)
and (5).
2
2
2
2
1
C
IN
IN
f
R
C
(6)
If summing a ring tone and phone signals, the phone
signals should use the differential inputs while the ring
tone should use the single-ended input. The phone
gain is set at Gain1 = 0.1V/V, and the ring-tone gain is
set to Gain2 = 2V/V, the resistor values would be
RIN1 = 3MΩ, and RIN2 = 150kΩ.
The high pass corner frequency of the single-ended
input is set by CIN2. If the desired corner frequency is
less than 20Hz.
Hz
k
IN
C
20
150
2
1
2
(7)
pF
C
IN
53
2
(8)


Similar Part No. - IS31AP2005-SLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2005-SLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com